Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1175827 Datasheet (PDF) - PHOENIX CONTACT

1175827 Datasheet PDF - PHOENIX CONTACT
Part # 1175827
Download  1175827 Download
File Size   575.53 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P-M12MSS/ 1,0-PUR PE - Power cable

1175827 Datasheet (PDF)

Go To PDF Page Download Datasheet
1175827 Datasheet PDF - PHOENIX CONTACT

Part # 1175827
Download  1175827 Click to download

File Size   575.53 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P-M12MSS/ 1,0-PUR PE - Power cable

1175827 Datasheet (HTML) - PHOENIX CONTACT


1175827 Product details

Power cable, 3-position, PUR halogen-free, black, Plug straight M12, coding: S, on free cable
end, cable length: 1 m, For alternating current up to 16 A/690 V

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Protection against incorrect connection using special S-coding




Similar Part No. - 1175827

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1175867 PHOENIX-1175867 Datasheet
502Kb / 17P
SAC-3P-M12MSS/ 2,0-PUR PE - Power cable
1175870 PHOENIX-1175870 Datasheet
507Kb / 17P
SAC-3P-M12MSS/ 5,0-PUR PE - Power cable
1175877 PHOENIX-1175877 Datasheet
331Kb / 11P
MINI MCR-EX-SD-21-48-LFD - Solenoid driver
1175884 PHOENIX-1175884 Datasheet
330Kb / 11P
MINI MCR-EX-SD-21-48-LFD-PT - Solenoid driver
1175891 PHOENIX-1175891 Datasheet
331Kb / 11P
MINI MCR-EX-SD-20-25-LFD - Solenoid driver
More results


Similar Description - 1175827

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1438586 PHOENIX-1438586 Datasheet
91Kb / 4P
Sensor/Actuator cable - SAC-3P-M12MS/1,0-PUR/A-1LZ
1438600 PHOENIX-1438600 Datasheet
40Kb / 1P
Cable - SAC-3P-MS/1,0-PUR/C-1L-Z
1438613 PHOENIX-1438613 Datasheet
87Kb / 4P
Sensor/Actuator cable - SAC-3P-M12MS/1,0-PUR/BI-1L-Z
1439007 PHOENIX-1439007 Datasheet
44Kb / 2P
Cable - SAC-3P-MS/1,0-PUR/C-1L-Z SCO
1423650 PHOENIX-1423650 Datasheet
65Kb / 4P
Power cable - SAC-4P-M12MSS/3,0-PUR/FSSPESH
1423665 PHOENIX-1423665 Datasheet
65Kb / 4P
Power cable - SAC-4P-M12MSS/10,5-PUR/FSSPESH
1425622 PHOENIX-1425622 Datasheet
67Kb / 4P
Power cable - SAC-3P-M12MSS/ 2,5-PVC PE
1408848 PHOENIX-1408848 Datasheet
157Kb / 11P
Power cable - SAC-4P- 1,0-PUR/M12FRS PE
09/11/2020
1683552 PHOENIX-1683552 Datasheet
101Kb / 5P
Sensor/actuator cable - SAC-3P-M12MS/1,0-PUR/M 8FS
12/07/2018
1698039 PHOENIX-1698039 Datasheet
84Kb / 5P
Sensor/actuator cable - SAC-3P-M12MS/ 1,0-PUR/M12FR-2L
12/07/2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com