Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1176084 Datasheet (PDF) - PHOENIX CONTACT

1176084 Datasheet PDF - PHOENIX CONTACT
Part # 1176084
Download  1176084 Download
File Size   338.42 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P-M12MRS/ 5,0-PUR PE - Power cable

1176084 Datasheet (PDF)

Go To PDF Page Download Datasheet
1176084 Datasheet PDF - PHOENIX CONTACT

Part # 1176084
Download  1176084 Click to download

File Size   338.42 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P-M12MRS/ 5,0-PUR PE - Power cable

1176084 Datasheet (HTML) - PHOENIX CONTACT


1176084 Product details

Power cable, 3-position, PUR halogen-free, black, Plug angled M12, coding: S, on free cable
end, cable length: 5 m, For alternating current up to 16 A/250 V

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Protection against incorrect connection using special S-coding




Similar Part No. - 1176084

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1176043 PHOENIX-1176043 Datasheet
406Kb / 9P
SAC-3P-M12MRS/ 1,0-PUR PE - Power cable
1176069 PHOENIX-1176069 Datasheet
338Kb / 8P
SAC-3P-M12MRS/ 2,0-PUR PE - Power cable
More results


Similar Description - 1176084

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1400814 PHOENIX-1400814 Datasheet
105Kb / 7P
Sensor/Actuator cable - SAC-3P-5,0-PUR/C
1402984 PHOENIX-1402984 Datasheet
109Kb / 8P
Sensor/Actuator cable - SAC-3P- 5,0-PUR/A
1439065 PHOENIX-1439065 Datasheet
105Kb / 8P
Sensor/Actuator cable - SAC-3P- 5,0-PUR/BI
1439094 PHOENIX-1439094 Datasheet
41Kb / 2P
Cable - SAC-3P-MS/ 5,0-PUR/C-1L-Z
1442696 PHOENIX-1442696 Datasheet
133Kb / 10P
Sensor/actuator cable - SAC-3P- 5,0-PUR/M12FR P
09/11/2020
1668098 PHOENIX-1668098 Datasheet
133Kb / 10P
Sensor/actuator cable - SAC-3P- 5,0-PUR/M12FS B
09/11/2020
1668218 PHOENIX-1668218 Datasheet
139Kb / 11P
Sensor/actuator cable - SAC-3P- 5,0-PUR/M12FR B
09/11/2020
1476791 PHOENIX-1476791 Datasheet
1Mb / 8P
SAC-3P- 5,0-PUR/P12FS SH - Sensor/actuator cable
1476798 PHOENIX-1476798 Datasheet
391Kb / 8P
SAC-3P-P12MR/ 5,0-PUR SH - Sensor/actuator cable
1476805 PHOENIX-1476805 Datasheet
1Mb / 8P
SAC-3P-P12MS/ 5,0-PUR SH - Sensor/actuator cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com