Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1536078 Datasheet (PDF) - PHOENIX CONTACT

1536078 Datasheet PDF - PHOENIX CONTACT
Part # 1536078
Download  1536078 Download
File Size   700.01 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P-M12MR-M12FR SH/.../... - Sensor/actuator cable

1536078 Datasheet (PDF)

Go To PDF Page Download Datasheet
1536078 Datasheet PDF - PHOENIX CONTACT

Part # 1536078
Download  1536078 Click to download

File Size   700.01 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P-M12MR-M12FR SH/.../... - Sensor/actuator cable

1536078 Datasheet (HTML) - PHOENIX CONTACT


1536078 Product details

Sensor/actuator cable, 3-position, shielded, Plug angled M12, coding: A, on Socket angled M12,
coding: A, cable length: Free input (0.2 ... 40.0 m)

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1536078

ManufacturerPart #DatasheetDescription
logo
Heyco.
15360 HEYCO-15360 Datasheet
142Kb / 1P
Speed Bundle Clamps
logo
Turck, Inc.
1536006 TURCK-1536006 Datasheet
405Kb / 3P
Inductive Sensor – With Analog Output
11/07/2023
logo
PHOENIX CONTACT
1536049 PHOENIX-1536049 Datasheet
696Kb / 20P
SAC-3P-M12MS-M12FS SH/.../... - Sensor/actuator cable
1536052 PHOENIX-1536052 Datasheet
697Kb / 20P
SAC-3P-M12MS-M12FR SH/.../... - Sensor/actuator cable
1536065 PHOENIX-1536065 Datasheet
635Kb / 20P
SAC-3P-M12MR-M12FS SH/.../... - Sensor/actuator cable
More results


Similar Description - 1536078

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1544882 PHOENIX-1544882 Datasheet
41Kb / 2P
Sensor/Actuator cable - SAC-3P-M12MR/BI
1454299 PHOENIX-1454299 Datasheet
119Kb / 9P
Sensor/actuator cable - SAC-3P-10,0-800/M12FR
09/11/2020
1456925 PHOENIX-1456925 Datasheet
119Kb / 9P
Sensor/actuator cable - SAC-3P-M12MR/10,0-800
09/11/2020
1505326 PHOENIX-1505326 Datasheet
108Kb / 8P
Sensor/actuator cable - SAC-3P- 5,0-PVC/M12FR-2L
09/11/2020
1514511 PHOENIX-1514511 Datasheet
105Kb / 5P
Sensor/actuator cable - SAC-4P-20,0-PUR/M12FR SH
12/05/2018
1522833 PHOENIX-1522833 Datasheet
167Kb / 12P
Sensor/actuator cable - SAC-8P-M12MR/ 5,0-PUR SH
09/11/2020
1522930 PHOENIX-1522930 Datasheet
167Kb / 12P
Sensor/actuator cable - SAC-8P- 5,0-PUR/M12FR SH
09/11/2020
1668218 PHOENIX-1668218 Datasheet
139Kb / 11P
Sensor/actuator cable - SAC-3P- 5,0-PUR/M12FR B
09/11/2020
1694402 PHOENIX-1694402 Datasheet
137Kb / 11P
Sensor/actuator cable - SAC-3P- 3,0-PUR/M12FR-2L
09/11/2020
1694512 PHOENIX-1694512 Datasheet
135Kb / 10P
Sensor/actuator cable - SAC-3P- 3,0-PUR/M12FR
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com