Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSTW010A0A Datasheet (PDF) - General Electric Company

KSTW010A0A Datasheet PDF - General Electric Company
Part # KSTW010A0A
Download  KSTW010A0A Download
File Size   890.4 Kbytes
Page   16 Pages
Manufacturer  GEC [General Electric Company]
Direct Link  http://www.ge.com
Logo GEC - General Electric Company
Description DC-DC Converter Power Modules

KSTW010A0A Datasheet (PDF)

Go To PDF Page Download Datasheet
KSTW010A0A Datasheet PDF - General Electric Company

Part # KSTW010A0A
Download  KSTW010A0A Click to download

File Size   890.4 Kbytes
Page   16 Pages
Manufacturer  GEC [General Electric Company]
Direct Link  http://www.ge.com
Logo GEC - General Electric Company
Description DC-DC Converter Power Modules

KSTW010A0A Datasheet (HTML) - General Electric Company


KSTW010A0A Product details

Features
 Compliant to RoHS II EU “Directive 2011/65/EU (-Z versions)
 Compliant to REACH Directive (EC) No 1907/2006
 Wide Input Voltage Range, 36Vdc to 75Vdc
 No minimum load
 High efficiency – 91% at full load (VIN=48Vdc)
 Constant switching frequency
 Low output ripple and noise
 Small Size and low profile, follows DOSA standard 1/16th
footprint
33.0 mm x 22.9 mm x 9.3 mm
(1.30 in x 0.9 in x 0.37 in)
 Surface mount (SMT) or Through hole (TH)
 Reflow process compliant, both SMT and TH versions
 Positive Remote On/Off logic
 Output overcurrent/voltage protection (hiccup)
 Over-temperature protection
 Output Voltage adjust: 80% to 110% of Vo,nom
 Wide operating temperature range (-40°C to 85°C)
 UL*Recognized to UL60950-1, CAN/CSA† C22.2 No.60950-1,
and EN60950-1(VDE ‡ 0805-1) Licensed
 CE mark meets 2006/95/EC directive§
 Meets the voltage and current requirements for ETSI 300-
132-2 and complies with and licensed for Basic insulation
rating per EN60950-1
 2250 Vdc Isolation tested in compliance with IEEE 802.3¤
PoE standards
 ISO** 9001 and ISO 14001 certified manufacturing facilities




Similar Part No. - KSTW010A0A

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
KSTW010A0F LINEAGEPOWER-KSTW010A0F Datasheet
1Mb / 16P
36-75Vdc Input; 3.3Vdc, 10A Output
KSTW010A0F41SRZ LINEAGEPOWER-KSTW010A0F41SRZ Datasheet
1Mb / 16P
36-75Vdc Input; 3.3Vdc, 10A Output
KSTW010A0F41Z LINEAGEPOWER-KSTW010A0F41Z Datasheet
1Mb / 16P
36-75Vdc Input; 3.3Vdc, 10A Output
More results


Similar Description - KSTW010A0A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MES1206 ETC1-MES1206 Datasheet
243Kb / 5P
DC-to-DC Converter Modules
logo
STMicroelectronics
GS-R24F STMICROELECTRONICS-GS-R24F Datasheet
203Kb / 12P
2A DC/DC converter modules
13-Oct-2006
GS-R12F STMICROELECTRONICS-GS-R12F Datasheet
202Kb / 12P
2A DC/DC converter modules
16-Oct-2006
logo
Lineage Power Corporati...
KSTW002A5B LINEAGEPOWER-KSTW002A5B Datasheet
1Mb / 16P
DC-DC Converter Power Modules
logo
Texas Instruments
DCP010505B TI1-DCP010505B_15 Datasheet
1Mb / 30P
Unregulated DC/DC Converter Modules
logo
Vicor Corporation
PI3101-00-HVIZ VICOR-PI3101-00-HVIZ_16 Datasheet
3Mb / 22P
Cool-Power ZVS Isolated DC-DC Converter Modules
PI3105-00-HVIZ VICOR-PI3105-00-HVIZ_16 Datasheet
3Mb / 22P
Cool-Power ZVS Isolated DC-DC Converter Modules
PI3106-00-HVMZ VICOR-PI3106-00-HVMZ_16 Datasheet
4Mb / 26P
Cool-Power ZVS Isolated DC-DC Converter Modules
PI3106-01-HVIZ VICOR-PI3106-01-HVIZ_16 Datasheet
2Mb / 18P
Cool-Power ZVS Isolated DC-DC Converter Modules
logo
XFMRS Inc.
XF5006-5S2R XFMRS-XF5006-5S2R Datasheet
53Kb / 1P
DC/DC CONVERTER ISOLATION MODULES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com