Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7184 Datasheet (PDF) - NXP Semiconductors

SAA7184 Datasheet PDF - NXP Semiconductors
Part # SAA7184
Download  SAA7184 Download
File Size   170.96 Kbytes
Page   36 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Digital Video Encoders DENC2-M6

SAA7184 Datasheet (PDF)

Go To PDF Page Download Datasheet
SAA7184 Datasheet PDF - NXP Semiconductors

Part # SAA7184
Download  SAA7184 Click to download

File Size   170.96 Kbytes
Page   36 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Digital Video Encoders DENC2-M6

SAA7184 Datasheet (HTML) - NXP Semiconductors


SAA7184 Product details

GENERAL DESCRIPTION
The SAA7184 and SAA7185B digital video encoders 2 (DENC2-M6) encode digital YUV video data to an NTSC or PAL CVBS or S-Video signal.

FEATURES
• CMOS 5 V device
• Digital PAL/NTSC encoder
• System pixel frequency 13.5 MHz
• Accepts MPEG decoded data
• 8-bit wide MPEG port
• Input data format Cb, Y, Cr etc. (CCIR 656)
• 16-bit wide YUV input port
• I2C-bus control port or alternatively MPU parallel control port
• Encoder can be master or slave
• Programmable horizontal and vertical input synchronization phase
• Programmable horizontal sync output phase
• OVL overlay with Look-Up Tables (LUTs) 8 × 3 bytes
• Colour bar generator
• Line 21 closed caption encoder
• Cross-colour reduction
• Macrovision revision_6 Pay-per-View copy protection system as option (SAA7184 only). Remark: This device is protected by U.S. patent numbers 4631603 4577216 and 4819098 and other intellectual property rights. Use of the Macrovision anticopy process in the device is licensed for non-commercial home use only. Reverse engineering or disassembly is prohibited. Please contact your nearest Philips Semiconductors sales office for more information.
• DACs operating at 27 MHz with 10-bit resolution
• Controlled rise and fall times of output syncs and blanking
• Down-mode of DACs
• CVBS and S-Video output simultaneously
• PLCC68 package.




Similar Part No. - SAA7184

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7182 PHILIPS-SAA7182 Datasheet
268Kb / 40P
Digital Video Encoder EURO-DENC
1996 Jul 08
SAA7182A PHILIPS-SAA7182A Datasheet
315Kb / 45P
Digital Video Encoder EURO-DENC2
1996 Oct 02
SAA7182AWP PHILIPS-SAA7182AWP Datasheet
203Kb / 45P
Digital Video Encoder EURO-DENC2
1996 Oct 02
SAA7182AWP PHILIPS-SAA7182AWP Datasheet
315Kb / 45P
Digital Video Encoder EURO-DENC2
1996 Oct 02
SAA7182WP PHILIPS-SAA7182WP Datasheet
268Kb / 40P
Digital Video Encoder EURO-DENC
1996 Jul 08
More results


Similar Description - SAA7184

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7165 PHILIPS-SAA7165 Datasheet
203Kb / 45P
Digital Video Encoder EURO-DENC2
1996 Oct 02
SAA7182A PHILIPS-SAA7182A Datasheet
315Kb / 45P
Digital Video Encoder EURO-DENC2
1996 Oct 02
SAA7185 PHILIPS-SAA7185 Datasheet
251Kb / 36P
Digital Video Encoder DENC2
1996 Jul 08
SAA7187 PHILIPS-SAA7187 Datasheet
267Kb / 36P
Digital video encoder DENC2-SQ
1995 Sep 21
SAA7188A PHILIPS-SAA7188A Datasheet
168Kb / 36P
Digital Video Encoder DENC2-M
1996 Jul 08
logo
Fairchild Semiconductor
TMC22091 FAIRCHILD-TMC22091 Datasheet
293Kb / 60P
Digital Video Encoders/Layering Engine
logo
Synaptics Incorporated.
BT864A CONEXANT-BT864A Datasheet
363Kb / 4P
High Performance YCrCb to NTSC/PAL Digital Video Encoders
logo
Cadeka Microcircuits LL...
TMC22091 CADEKA-TMC22091 Datasheet
397Kb / 60P
Digital Video Encoders/Layering Engine
logo
Rohm
BU6520KV ROHM-BU6520KV_10 Datasheet
351Kb / 19P
Video Encoders built-in Image Correction
logo
Moxa Inc.
464 MOXA-464 Datasheet
730Kb / 5P
Superior video performance, 4-channel industrial video encoders
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com