Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10A05 Datasheet (PDF) - Won-Top Electronics

10A05 Datasheet PDF - Won-Top Electronics
Part # 10A05
Download  10A05 Download
File Size   54.31 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 10A STANDARD DIODE

10A05 Datasheet (PDF)

Go To PDF Page Download Datasheet
10A05 Datasheet PDF - Won-Top Electronics

Part # 10A05
Download  10A05 Click to download

File Size   54.31 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 10A STANDARD DIODE

10A05 Datasheet (HTML) - Won-Top Electronics


10A05 Product details

Features

Diffused Junction

Low Forward Voltage Drop

High Current Capability

High Reliability

High Surge Current Capability




Similar Part No. - 10A05

ManufacturerPart #DatasheetDescription
logo
Bytes
10A05 BYTES-10A05 Datasheet
190Kb / 2P
10.0 AMP SILICON RECTIFIERS
logo
Diodes Incorporated
10A05 DIODES-10A05 Datasheet
48Kb / 2P
10A RECTIFIER
DS28010 Rev. B-2
logo
Micro Commercial Compon...
10A05 MCC-10A05 Datasheet
88Kb / 2P
10 Amp Rectifier 50 to 1000 Volts
logo
List of Unclassifed Man...
10A05 ETC1-10A05 Datasheet
574Kb / 2P
10.0 Amps. General Purpose Plastic Rectifiers Voltage Range 50 to 1000 Volts Forward Current 10.0 Amperes
logo
Diodes Incorporated
10A05 DIODES-10A05 Datasheet
67Kb / 3P
10A RECTIFIER
DS28010 Rev. 4 - 2
More results


Similar Description - 10A05

ManufacturerPart #DatasheetDescription
logo
Eldeco Srl
BLH31-H ELDECO-BLH31-H Datasheet
506Kb / 1P
Standard : UL - IEC 300V-130V 10A-10A
BLT31-H ELDECO-BLT31-H Datasheet
513Kb / 1P
Standard : UL - IEC 300V-130V 10A - 10A
BLT31-V ELDECO-BLT31-V Datasheet
516Kb / 1P
Standard : UL - IEC 300V - 130V 10A - 10A
MRB31-3.5-V ELDECO-MRB31-3.5-V Datasheet
504Kb / 1P
Standard : UL - IEC 300V - 250V 10A - 10A
MRD31-L ELDECO-MRD31-L Datasheet
376Kb / 1P
Standard : UL - IEC 300V - 250V 10A - 10A
MRD31-R ELDECO-MRD31-R Datasheet
375Kb / 1P
Standard : UL - IEC 300V - 250V 10A - 10A
MRH31 ELDECO-MRH31 Datasheet
520Kb / 1P
Standard : UL - IEC 300V - 250V 10A - 10A
logo
Digitron Semiconductors
MUR10120E DIGITRON-MUR10120E Datasheet
165Kb / 2P
10A STANDARD RECOVERY RECTIFIER
logo
SUNMATE electronic Co.,...
10A05 SUNMATE-10A05 Datasheet
96Kb / 2P
10A Axial Leaded Standard Diode
logo
Zibo Seno Electronic En...
10A05 ZSELEC-10A05 Datasheet
202Kb / 2P
10A STANDARD DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com