Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KH2 Datasheet (PDF) - TUK Ltd

KH2 Datasheet PDF - TUK Ltd
Part # KH2
Download  KH2 Download
File Size   3821.43 Kbytes
Page   7 Pages
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd
Description Keystone Housing Range

KH2 Datasheet (PDF)

Go To PDF Page Download Datasheet
KH2 Datasheet PDF - TUK Ltd

Part # KH2
Download  KH2 Click to download

File Size   3821.43 Kbytes
Page   7 Pages
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd
Description Keystone Housing Range

KH2 Datasheet (HTML) - TUK Ltd


KH2 Product details

Features
1, 2, 4, 6, 8 or 12 keystone ports 19.2 x 14.9mm
Cable routing 180°
KH12 can accommodate six keystones with 180° cable routing, or twelve keystones. (Additional insert
provided for 180° routing)
Integrated labeling facility
Operational temperature: -40°C ~ +70°C




Similar Part No. - KH2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KH20 ETC2-KH20 Datasheet
190Kb / 1P
Additional Support and Holders
logo
Weller Tools
KH20 WELLER-KH20 Datasheet
572Kb / 5P
Fine Duty Irons, 15 Watts
logo
Fairchild Semiconductor
KH200 FAIRCHILD-KH200 Datasheet
361Kb / 5P
Fast Settling, Wideband Operational Amplifier
logo
Cadeka Microcircuits LL...
KH200 CADEKA-KH200 Datasheet
438Kb / 5P
Fast Settling, Wideband Operational Amplifier
KH200AI CADEKA-KH200AI Datasheet
438Kb / 5P
Fast Settling, Wideband Operational Amplifier
More results


Similar Description - KH2

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-TA3535-R ASSMANN-A-TA3535-R Datasheet
47Kb / 1P
Keystone Jack Cat6
logo
List of Unclassifed Man...
AX102415 ETC2-AX102415 Datasheet
177Kb / 3P
Keystone Multimedia Modules
AX102416 ETC2-AX102416 Datasheet
174Kb / 2P
Keystone Multimedia Modules
logo
Adam Technologies, Inc.
MTJK-88-02-C5E ADAM-TECH-MTJK-88-02-C5E Datasheet
81Kb / 1P
MODULAR KEYSTONE JACK
logo
METZ CONNECT GmbH
130861-0202KE METZ-130861-0202KE Datasheet
4Mb / 6P
Keystone surface mount housing 2 port pure white, unequipped
2022/07/13 Version: A
130861-0302KE METZ-130861-0302KE Datasheet
1Mb / 5P
Keystone surface mount housing 3 port pure white, unequipped
2022/07/13 Version: I
130861-0402KE METZ-130861-0402KE Datasheet
1Mb / 5P
Keystone surface mount housing 4 port pure white, unequipped
2022/12/15 Version: H
130861-0602KE METZ-130861-0602KE Datasheet
1Mb / 5P
Keystone surface mount housing 6 port pure white, unequipped
2022/12/21 Version: H
130861-1202KE METZ-130861-1202KE Datasheet
2Mb / 5P
Keystone surface mount housing 12 port pure white, unequipped
2022/12/15 Version: H
130B21-25-E METZ-130B21-25-E Datasheet
1Mb / 7P
25Gmodul - Keystone
2022/12/16 Version: F
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com