Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1516 Datasheet (PDF) - Infinite Electronics International, Inc.

1516 Datasheet PDF - Infinite Electronics International, Inc.
Part # 1516
Download  1516 Download
File Size   47.81 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description N-MALE CRIMP RIGHT ANGLE CONNECTOR 240 SERIES CABLE

1516 Datasheet (PDF)

Go To PDF Page Download Datasheet
1516 Datasheet PDF - Infinite Electronics International, Inc.

Part # 1516
Download  1516 Click to download

File Size   47.81 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description N-MALE CRIMP RIGHT ANGLE CONNECTOR 240 SERIES CABLE

1516 Datasheet (HTML) - Infinite Electronics International, Inc.


1516 Product details

ELECTRICAL:
IMPEDANCE: 50 OHMS
FREQUENCY RANGE: DC - 11 GHz
WITHSTAND VOLTAGE: 1500V
DIELECTRIC WITHSTANDING VOLTAGE: 2500V RMS
CABLE RETENTION: 50 POUNDS-PULL

MISCELLANEOUS
COMPONENTS SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATIONS PS-0031.

ALL DIMENSIONS ARE FOR REFERENCE ONLY.




Similar Part No. - 1516

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
1516 DATADELAY-1516 Datasheet
35Kb / 3P
5-TAP DIP/SMD DELAY LINE TD/TR = 3
logo
3M Electronics
1516 3M-1516 Datasheet
48Kb / 2P
3MTM Single Coated Polyester Medical Tape
logo
Abbatron All Rights Res...
1516 ABBATRON-1516 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
PHOENIX CONTACT
1516014 PHOENIX-1516014 Datasheet
139Kb / 5P
SACB- 4/3-L- 5,0PUR-M8
1516027 PHOENIX-1516027 Datasheet
139Kb / 5P
SACB- 4/3-L-10,0PUR-M8
More results


Similar Description - 1516

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44526 PASTERNACK-PE44526 Datasheet
285Kb / 3P
N Male Right Angle Connector Crimp/Solder N Male Right Angle Connector Crimp/Solder
logo
Adam Technologies, Inc.
RF5-11-T-25-50 ADAM-TECH-RF5-11-T-25-50 Datasheet
88Kb / 1P
N MALE RIGHT ANGLE CRIMP
RF5-12-T-02-50 ADAM-TECH-RF5-12-T-02-50 Datasheet
70Kb / 1P
N MALE RIGHT ANGLE CRIMP
logo
List of Unclassifed Man...
CONN012 ETC2-CONN012 Datasheet
154Kb / 1P
N MALE RIGHT ANGLE CABLE END CRIMP FOR RG174 CABLE
logo
Pasternack Enterprises,...
PE4482 PASTERNACK-PE4482_17 Datasheet
330Kb / 4P
N Male Right Angle Connector Crimp/Solder Attachment
PE4483 PASTERNACK-PE4483_17 Datasheet
367Kb / 4P
N Male Right Angle Connector Crimp/Solder Attachment
PE4484 PASTERNACK-PE4484_17 Datasheet
371Kb / 4P
N Male Right Angle Connector Crimp/Solder Attachment
PE4485 PASTERNACK-PE4485 Datasheet
309Kb / 3P
N Male Right Angle Connector Crimp/Solder Attachment
logo
Linx Technologies
CONN012 LINX-CONN012 Datasheet
248Kb / 1P
N MALE RIGHT ANGLE CABLE END CRIMP FOR RG174 CABLE
CONN012-R58 LINX-CONN012-R58 Datasheet
253Kb / 1P
N MALE RIGHT ANGLE CABLE END CRIMP FOR RG58 CABLE
12-JUL-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com