Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ANM-1406 Datasheet (PDF) - Infinite Electronics International, Inc.

ANM-1406 Datasheet PDF - Infinite Electronics International, Inc.
Part # ANM-1406
Download  ANM-1406 Download
File Size   60.41 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description N STRAIGHT MALE CRIMP FOR RG8 / LMR400

ANM-1406 Datasheet (PDF)

Go To PDF Page Download Datasheet
ANM-1406 Datasheet PDF - Infinite Electronics International, Inc.

Part # ANM-1406
Download  ANM-1406 Click to download

File Size   60.41 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description N STRAIGHT MALE CRIMP FOR RG8 / LMR400

ANM-1406 Datasheet (HTML) - Infinite Electronics International, Inc.


ANM-1406 Product details

ELECTRICAL:
IMPEDENCE: 50 OHMS
WITHSTAND VOLTAGE: 2500V
FREQUENCY RANGE: 0~6 GHz
VSWR: <1.50 @ 0~6 GHz
DURABILITY: > 500 CYCLE
CABLE RETENTION: > 40 POUNDS
MISCELLANEOUS:
COMPONENTS SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATIONS PS-0031.
PRESENT CRITICAL DIMENSIONS
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)




Similar Part No. - ANM-1406

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ANM-1406 L-COM-ANM-1406 Datasheet
28Kb / 1P
FOR RG8 / LMR400 N STRAIGHT MALE CRIMP
11/11/09
ANM-1406. L-COM-ANM-1406. Datasheet
28Kb / 1P
FOR RG8 / LMR400 N STRAIGHT MALE CRIMP
11/11/09
ANM-1406 L-COM-ANM-1406_V01 Datasheet
28Kb / 1P
FOR RG8 / LMR400 N STRAIGHT MALE CRIMP
11/11/09
More results


Similar Description - ANM-1406

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4295 PASTERNACK-PE4295 Datasheet
251Kb / 2P
UHF Male Connector Crimp/Solder Attachment For RG213, RG8
PE4446 PASTERNACK-PE4446 Datasheet
108Kb / 1P
TNC MALE CRIMP ATTACHMENT FOR RG8 & RG213
PE4940 PASTERNACK-PE4940 Datasheet
86Kb / 1P
N FEMALE BULKHEAD CRIMP ATTACHMENT FOR RG8 & RG213
PE4482 PASTERNACK-PE4482 Datasheet
109Kb / 1P
N MALE RIGHT ANGLE CRIMP ATTACHMENT FOR RG8 & RG213
PE4378 PASTERNACK-PE4378 Datasheet
261Kb / 2P
BNC Male Connector Crimp/Solder Attachment For RG213, RG8
PE4493 PASTERNACK-PE4493 Datasheet
108Kb / 1P
MHV MALE CRIMP ATTACHMENT FOR RG8 & RG213
PE4570 PASTERNACK-PE4570 Datasheet
110Kb / 1P
7/16 MALE CRIMP ATTACHMENT FOR RG8 &RG213
PE4712 PASTERNACK-PE4712 Datasheet
85Kb / 1P
REVERSE POLARITY BNC MALE CRIMP ATTACHMENT FOR RG8 & RG213
PE4430 PASTERNACK-PE4430 Datasheet
372Kb / 3P
N Male Connector Crimp-Solder Attachment for RG213, RG8
PE44472 PASTERNACK-PE44472 Datasheet
251Kb / 2P
RP N Male Connector Crimp-Solder Attachment For RG213, RG8
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com