Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1136014 Datasheet (PDF) - PHOENIX CONTACT

1136014 Datasheet PDF - PHOENIX CONTACT
Part # 1136014
Download  1136014 Download
File Size   355.2 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PC 6/ 6-GL4U-7,62 - PCB connectors

1136014 Datasheet (PDF)

Go To PDF Page Download Datasheet
1136014 Datasheet PDF - PHOENIX CONTACT

Part # 1136014
Download  1136014 Click to download

File Size   355.2 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PC 6/ 6-GL4U-7,62 - PCB connectors

1136014 Datasheet (HTML) - PHOENIX CONTACT


1136014 Product details

PCB headers, nominal cross section: 6 mm2, color: green, nominal current: 41 A, rated voltage
(III/2): 630 V, contact surface: Tin, contact connection type: Pin, number of potentials: 6, number
of rows: 1, number of positions: 6, number of connections: 6, product range: PC 6/..-GLU, pitch:
7.62 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 2.6 mm, number
of solder pins per potential: 3, plug-in system: COMBICON PC 6, Pin connector pattern
alignment: reversed, locking: Snap-in locking, mounting: Self-locking flange, type of packaging:
packed in cardboard

Your advantages
• Increased touch protection in the pin connector pattern for maximum safety even when not plugged in
• Intuitive locking mechanism prevents accidental disconnection
• Easy PCB replacement thanks to plug-in modules
• Well-known mounting principle allows worldwide use




Similar Part No. - 1136014

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1136012 PHOENIX-1136012 Datasheet
356Kb / 10P
PC 6/ 4-GL3U-7,62 - PCB connectors
More results


Similar Description - 1136014

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1717043 PHOENIX-1717043 Datasheet
299Kb / 12P
PC 6/ 6-GL4-7,62
1190494 PHOENIX-1190494 Datasheet
445Kb / 10P
PCB header - PC 6/ 6-G-7,62 P26THR
Jul 20, 2022
1190541 PHOENIX-1190541 Datasheet
448Kb / 10P
PCB header - PC 6/ 6-GL4-7,62 P26THR
Jul 20, 2022
1192640 PHOENIX-1192640 Datasheet
453Kb / 10P
PCB header - PC 6/ 6-GU-7,62 P26THR
Jul 20, 2022
1192653 PHOENIX-1192653 Datasheet
455Kb / 10P
PCB header - PC 6/ 6-GL4U-7,62 P26THR
Jul 20, 2022
1720505 PHOENIX-1720505 Datasheet
461Kb / 15P
PCB header - PC 5/ 6-G-7,62
Jan 4, 2023
1054547 PHOENIX-1054547 Datasheet
262Kb / 9P
PCB header - PC 6/ 3-G-7,62
Jan 10, 2023
1149134 PHOENIX-1149134 Datasheet
450Kb / 14P
PC 6/ 6-STL4-7,62 - PCB connector
1149083 PHOENIX-1149083 Datasheet
462Kb / 14P
PC 6/ 3-ST-7,62 - PCB connector
1149088 PHOENIX-1149088 Datasheet
455Kb / 14P
PC 6/ 6-ST-7,62 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com