Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1909919 Datasheet (PDF) - PHOENIX CONTACT

1909919 Datasheet PDF - PHOENIX CONTACT
Part # 1909919
Download  1909919 Download
File Size   777.55 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKCVR 2,5/ 5-STF - PCB connector

1909919 Datasheet (PDF)

Go To PDF Page Download Datasheet
1909919 Datasheet PDF - PHOENIX CONTACT

Part # 1909919
Download  1909919 Click to download

File Size   777.55 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKCVR 2,5/ 5-STF - PCB connector

1909919 Datasheet (HTML) - PHOENIX CONTACT


1909919 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, contact connection type: Socket, number of potentials:
5, number of rows: 1, number of positions: 5, number of connections: 5, product range: FKCVR
2,5/..-STF, pitch: 5 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 90 °, locking clip: - Locking clip, plug-in system: COMBICON MSTB 2,5,
locking: Screw locking mechanism, mounting: Screw flange, type of packaging: packed in
cardboard

Your advantages
• Time saving push-in connection, tools not required
• Intuitive operation due to color-coded actuating push button
• Quick and convenient testing using integrated test option
• Screwable flange for superior mechanical stability
• Can be combined with the MSTB 2,5 range




Similar Part No. - 1909919

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
190991 FESTO-190991 Datasheet
73Kb / 1P
Vacuum cup without connector
6/19/22
More results


Similar Description - 1909919

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1910021 PHOENIX-1910021 Datasheet
80Kb / 5P
Printed-circuit board connector - FKCVR 2,5/16-STF
1909977 PHOENIX-1909977 Datasheet
80Kb / 5P
Printed-circuit board connector - FKCVR 2,5/11-STF
1948996 PHOENIX-1948996 Datasheet
63Kb / 4P
Printed-circuit board connector - FKCVR 2,5/ 5-STF-5,08 AU
1909922 PHOENIX-1909922 Datasheet
79Kb / 5P
Printed-circuit board connector - FKCVR 2,5/ 6-STF
1919747 PHOENIX-1919747 Datasheet
730Kb / 15P
PCB connector - MSTBT 2,5/ 5-STF
Sep 8, 2022
1835504 PHOENIX-1835504 Datasheet
265Kb / 9P
PCB connector - MVSTBR 2,5/ 5-STF
Jan 4, 2023
1825349 PHOENIX-1825349 Datasheet
713Kb / 16P
PCB connector - IC 2,5/ 5-STF-5,08
Jan 10, 2023
1909760 PHOENIX-1909760 Datasheet
1Mb / 24P
FKCVR 2,5/ 7-ST - PCB connector
1909430 PHOENIX-1909430 Datasheet
710Kb / 19P
FKCT 2,5/ 5-STF - PCB connector
1912980 PHOENIX-1912980 Datasheet
383Kb / 14P
MVSTBW 2,5 HC/ 5-STF - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com