Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCT8316A Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
MCT8316A Datasheet PDF - Texas Instruments
Part # MCT8316A
Download  MCT8316A Download
File Size   4279.18 Kbytes
Page   154 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description MCT8316A-Q1 High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver

MCT8316A Datasheet (PDF)

Go To PDF Page Download Datasheet
MCT8316A Datasheet PDF - Texas Instruments

Part # MCT8316A
Download  MCT8316A Click to download

File Size   4279.18 Kbytes
Page   154 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description MCT8316A-Q1 High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver

MCT8316A Datasheet (HTML) - Texas Instruments


MCT8316A Product details

1 Features
• AEC-Q100 qualified for automotive applications
– Temperature Grade-1 : –40°C ≤ TA ≤ 125°C
• Three-phase BLDC motor driver with integrated
sensorless motor control algorithm
– Code-free high speed Trapezoidal Control
– Supports upto 3kHz (electrical frequency)
– Very fast startup time (<50ms)
– Fast Deceleration (<150ms)
– Supports 120° or 150° modulation to improve
acoustic performance
– Windmilling support through forward
resynchronization and reverse drive
– Analog, PWM, freq. or I2C based speed input
– Active Demagnetization to reduce power losses
– Configurable motor startup and stop options
– Optional closed loop speed control
– Anti-voltage surge protections prevents
overvoltage
– Variable monitoring through DACOUT
• 4.5 to 35V operating voltage (40V abs max)
• High output current capability: 8A peak
• Low MOSFET on-state resistance
– 95mΩ RDS(ON) (HS + LS) at TA = 25°C
• Low power sleep mode
– 3μA (maximum) at VVM = 24-V, TA = 25°C
• Speed loop accuracy: 3% with internal clock and
1% with external clock reference
• Supports up to 100kHz PWM frequency for low
inductance motor support
• Does not require external current sense resistor
• Built-in 3.3V ±5%, 20mA LDO regulator
• Built-in 3.3V/5V, 170mA buck regulator
• Dedicated DRVOFF pin to disable (Hi-Z) outputs
• Spread spectrum and slew rate for EMI mitigation
• Suite of Integrated protection features
– Supply undervoltage lockout (UVLO)
– Motor lock detection (5 different types)
– Overcurrent protection (OCP)
– Thermal warning and shutdown (OTW/TSD)
– Fault condition indication pin (nFAULT)
– Optional fault diagnostics over I2C interface

2 Applications
• Brushless-DC (BLDC) Motor Modules
• Two wheeler Fuel Pumps
• Headrest Control Modules

3 Description
The MCT8316A-Q1 provides a single-chip, code-free
sensorless trapezoidal device for customers requiring
high speed operation (up to 3kHz electrical) or very
fast startup time (<50ms) for 12 to 24V brushless-
DC motors up to 8A peak current. The MCT8316AQ1
integrates three 1/2-H bridges with 40V absolute
maximum capability and a very low RDS(ON) of 95mΩ
(high-side + low-side). Power management features
of an adjustable buck regulator and LDO generate the
3.3V or 5.0V voltage rails for the device and can be
used to power external circuits.
Sensorless trapezoidal control is highly configurable
ranging from motor start-up behavior to closed loop
operation through register settings. These settings
can be saved in non-volatile EEPROM, which allows
the device to operate stand-alone once the device
has been configured. The device receives a speed
command through a PWM input, analog voltage,
variable frequency square wave or I2C command.
There are a large number of protection features
integrated into the MCT8316A-Q1, intended to protect
the device, motor, and system against fault events.




Similar Part No. - MCT8316A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MCT8316A TI-MCT8316A Datasheet
4Mb / 168P
MCT8316A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
SLLSFH8 ??AUGUST 2021
MCT8316A TI-MCT8316A Datasheet
5Mb / 179P
MCT8316A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
DECEMBER 2021
MCT8316A1T TI-MCT8316A1T Datasheet
4Mb / 168P
MCT8316A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
SLLSFH8 ??AUGUST 2021
MCT8316A1T TI-MCT8316A1T Datasheet
5Mb / 179P
MCT8316A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
DECEMBER 2021
MCT8316A1V TI-MCT8316A1V Datasheet
4Mb / 168P
MCT8316A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
SLLSFH8 ??AUGUST 2021
More results


Similar Description - MCT8316A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MCT8316Z TI-MCT8316Z Datasheet
2Mb / 91P
MCT8316Z Sensored Trapezoidal Integrated FET BLDC Motor Driver
MCT8316A TI-MCT8316A Datasheet
4Mb / 168P
MCT8316A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
SLLSFH8 ??AUGUST 2021
MCT8316Z-Q1 TI-MCT8316Z-Q1 Datasheet
2Mb / 92P
MCT8316Z-Q1 Sensored Trapezoidal Integrated FET BLDC Motor Driver
DECEMBER 2021
MCT8316A TI-MCT8316A_V01 Datasheet
5Mb / 179P
MCT8316A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
DECEMBER 2021
MCT8316Z-Q1 TI-MCT8316Z-Q1_V01 Datasheet
4Mb / 100P
MCT8316Z-Q1 Sensored Trapezoidal Integrated FET BLDC Motor Driver
DECEMBER 2021
MCT8315A TI-MCT8315A Datasheet
4Mb / 166P
MCT8315A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
DECEMBER 2022
MCT8317A TI1-MCT8317A Datasheet
3Mb / 161P
MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
JANUARY 2023
MCT8329A TI1-MCT8329A Datasheet
3Mb / 163P
MCT8329A High Speed Sensorless Trapezoidal Control Three-phase BLDC Gate Driver
JANUARY 2023
MCF8316C-Q1 TI1-MCF8316C-Q1 Datasheet
6Mb / 207P
MCF8316C-Q1 Sensorless Field Oriented Control (FOC) Integrated FET BLDC Driver
AUGUST 2023
MCT8315Z TI1-MCT8315Z Datasheet
2Mb / 95P
MCT8315Z Sensored Trapezoidal Integrated FET BLDC Motor Driver
DECEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com