Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1825704 Datasheet (PDF) - PHOENIX CONTACT

1825704 Datasheet PDF - PHOENIX CONTACT
Part # 1825704
Download  1825704 Download
File Size   533.62 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCV 1,5/ 6-G-3,81 P20 THRR56 - PCB header

1825704 Datasheet (PDF)

Go To PDF Page Download Datasheet
1825704 Datasheet PDF - PHOENIX CONTACT

Part # 1825704
Download  1825704 Click to download

File Size   533.62 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCV 1,5/ 6-G-3,81 P20 THRR56 - PCB header

1825704 Datasheet (HTML) - PHOENIX CONTACT


1825704 Product details

PCB headers, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, contact connection type: Pin, number of potentials: 6, number
of rows: 1, number of positions: 6, number of connections: 6, product range: MCV 1,5/..-G-THR,
pitch: 3.81 mm, mounting: THR soldering / wave soldering, pin layout: Linear pinning, solder pin
[P]: 2 mm, number of solder pins per potential: 1, plug-in system: COMBICON MC 1,5, Pin
connector pattern alignment: Standard, locking: without, mounting: without, type of packaging: 56
mm wide tape, For user information and design recommendations for through-hole reflow
technology, go to: Downloads

Your advantages
• Designed for integration into the SMT soldering process
• Vertical connection enables multi-row arrangement on the PCB
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies




Similar Part No. - 1825704

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1825705 PHOENIX-1825705 Datasheet
144Kb / 7P
Feed-through header - ICV 2,5/ 3-GF-5,08
More results


Similar Description - 1825704

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1803468 PHOENIX-1803468 Datasheet
147Kb / 5P
MCV 1,5/ 6-G-3,81
1712898 PHOENIX-1712898 Datasheet
117Kb / 4P
Base strip - MCV 1,5/ 5-G-3,81 P26 THRR56
1712911 PHOENIX-1712911 Datasheet
116Kb / 4P
Base strip - MCV 1,5/ 6-G-3,81 P26 THRR56
1712937 PHOENIX-1712937 Datasheet
117Kb / 4P
Base strip - MCV 1,5/ 7-G-3,81 P26 THRR56
1712940 PHOENIX-1712940 Datasheet
117Kb / 4P
Base strip - MCV 1,5/ 8-G-3,81 P26 THRR56
1712966 PHOENIX-1712966 Datasheet
80Kb / 4P
Base strip - MCV 1,5/10-G-3,81 P26 THRR56
1713389 PHOENIX-1713389 Datasheet
123Kb / 5P
Base strip - MCV 1,5/ 6-GF-3,81 P26 THRR56
1713457 PHOENIX-1713457 Datasheet
121Kb / 4P
Base strip - MCV 1,5/ 6-GL-3,81 P26 THRR56
1713567 PHOENIX-1713567 Datasheet
117Kb / 4P
Base strip - MCV 1,5/ 9-G-3,81 P26 THRR56
1707463 PHOENIX-1707463 Datasheet
565Kb / 15P
PCB header - MCV 1,5/ 6-G-3,81 P26 THR
Nov 30, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com