Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1848795 Datasheet (PDF) - PHOENIX CONTACT

1848795 Datasheet PDF - PHOENIX CONTACT
Part # 1848795
Download  1848795 Download
File Size   226.4 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MVSTBW 2,5/10-STEH-5,08 - PCB connector

1848795 Datasheet (PDF)

Go To PDF Page Download Datasheet
1848795 Datasheet PDF - PHOENIX CONTACT

Part # 1848795
Download  1848795 Click to download

File Size   226.4 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MVSTBW 2,5/10-STEH-5,08 - PCB connector

1848795 Datasheet (HTML) - PHOENIX CONTACT


1848795 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, contact connection type: Socket, number of potentials:
10, number of rows: 1, number of positions: 10, number of connections: 10, product range:
MVSTBW 2,5/..-STEH, pitch: 5.08 mm, connection method: Screw connection with tension
sleeve, screw head form: L Slotted, conductor/PCB connection direction: -90 °, locking clip: -
Locking clip, plug-in system: COMBICON MSTB 2,5, locking: without, mounting: without, type of
packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors




Similar Part No. - 1848795

ManufacturerPart #DatasheetDescription
logo
Atom Lighting
18487 ATOM-18487 Datasheet
178Kb / 2P
Mooloolah
21st of January 2025 13:59:58
logo
PHOENIX CONTACT
1848707 PHOENIX-1848707 Datasheet
818Kb / 12P
Plug component, Push-in spring connection
1848710 PHOENIX-1848710 Datasheet
871Kb / 12P
Plug component, Push-in spring connection
1848723 PHOENIX-1848723 Datasheet
98Kb / 3P
Direct connector - SDDC 1,5/10-PV-3,5
1848736 PHOENIX-1848736 Datasheet
971Kb / 12P
Plug component, Push-in spring connection
More results


Similar Description - 1848795

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1763401 PHOENIX-1763401 Datasheet
53Kb / 4P
Plug - MVSTBW 2,5/ 9-STEH
1784309 PHOENIX-1784309 Datasheet
53Kb / 4P
Plug - MVSTBW 2,5/ 8-STEH
1968303 PHOENIX-1968303 Datasheet
52Kb / 4P
Printed-circuit board connector - MVSTBW 2,5/ 7-STEH-5,08
1912919 PHOENIX-1912919 Datasheet
390Kb / 12P
PCB connector - MVSTBW 2,5 HC/ 9-ST-5,08
Nov 30, 2022
1912841 PHOENIX-1912841 Datasheet
394Kb / 12P
PCB connector - MVSTBW 2,5 HC/ 2-ST-5,08
1912922 PHOENIX-1912922 Datasheet
393Kb / 12P
PCB connector - MVSTBW 2,5 HC/10-ST-5,08
1913073 PHOENIX-1913073 Datasheet
321Kb / 11P
PCB connector - MVSTBW 2,5 HC/ 3-STF-5,08
1913154 PHOENIX-1913154 Datasheet
322Kb / 11P
MVSTBW 2,5 HC/11-STF-5,08 - PCB connector
1913060 PHOENIX-1913060 Datasheet
323Kb / 11P
MVSTBW 2,5 HC/ 2-STF-5,08 - PCB connector
1912883 PHOENIX-1912883 Datasheet
371Kb / 12P
MVSTBW 2,5 HC/ 6-ST-5,08 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com