Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1913031 Datasheet (PDF) - PHOENIX CONTACT

1913031 Datasheet PDF - PHOENIX CONTACT
Part # 1913031
Download  1913031 Download
File Size   402.35 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MVSTBW 2,5 HC/10-STF - PCB connector

1913031 Datasheet (PDF)

Go To PDF Page Download Datasheet
1913031 Datasheet PDF - PHOENIX CONTACT

Part # 1913031
Download  1913031 Click to download

File Size   402.35 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MVSTBW 2,5 HC/10-STF - PCB connector

1913031 Datasheet (HTML) - PHOENIX CONTACT


1913031 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 16 A, rated
voltage (III/2): 320 V, contact surface: Tin, contact connection type: Socket, number of potentials:
10, number of rows: 1, number of positions: 10, number of connections: 10, product range:
MVSTBW 2,5 HC/..-STF, pitch: 5 mm, connection method: Screw connection with tension
sleeve, screw head form: L Slotted, conductor/PCB connection direction: -90 °, locking clip: -
Locking clip, plug-in system: COMBICON MSTB 2,5 HC, locking: Screw locking mechanism,
mounting: Screw flange, type of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Integrated double steel spring provides additional safety in the event of temperature and power fluctuations
• Screwable flange for superior mechanical stability




Similar Part No. - 1913031

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
191303 ADELS-191303 Datasheet
131Kb / 1P
500 BZ/ 3
More results


Similar Description - 1913031

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1913141 PHOENIX-1913141 Datasheet
122Kb / 8P
Printed-circuit board connector - MVSTBW 2,5 HC/10-STF-5,08
09/12/2020
1942565 PHOENIX-1942565 Datasheet
819Kb / 20P
PCB connector - FKC 2,5 HC/10-STF-5,08
Jan 3, 2023
1912922 PHOENIX-1912922 Datasheet
393Kb / 12P
PCB connector - MVSTBW 2,5 HC/10-ST-5,08
1913073 PHOENIX-1913073 Datasheet
321Kb / 11P
PCB connector - MVSTBW 2,5 HC/ 3-STF-5,08
1913099 PHOENIX-1913099 Datasheet
321Kb / 11P
PCB connector - MVSTBW 2,5 HC/ 5-STF-5,08
1912977 PHOENIX-1912977 Datasheet
397Kb / 14P
MVSTBW 2,5 HC/ 4-STF - PCB connector
1913125 PHOENIX-1913125 Datasheet
322Kb / 11P
MVSTBW 2,5 HC/ 8-STF-5,08 - PCB connector
1913154 PHOENIX-1913154 Datasheet
322Kb / 11P
MVSTBW 2,5 HC/11-STF-5,08 - PCB connector
1913060 PHOENIX-1913060 Datasheet
323Kb / 11P
MVSTBW 2,5 HC/ 2-STF-5,08 - PCB connector
1912980 PHOENIX-1912980 Datasheet
383Kb / 14P
MVSTBW 2,5 HC/ 5-STF - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com