Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1S51VJ000F Datasheet (PDF) - Sharp Corporation

GP1S51VJ000F Datasheet PDF - Sharp Corporation
Part # GP1S51VJ000F
Download  GP1S51VJ000F Download
File Size   157.74 Kbytes
Page   12 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Gap : 3mm Slit : 0.5mm Phototransistor Output, Case package Transmissive Photointerrupter

GP1S51VJ000F Datasheet (PDF)

Go To PDF Page Download Datasheet
GP1S51VJ000F Datasheet PDF - Sharp Corporation

Part # GP1S51VJ000F
Download  GP1S51VJ000F Click to download

File Size   157.74 Kbytes
Page   12 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Gap : 3mm Slit : 0.5mm Phototransistor Output, Case package Transmissive Photointerrupter

GP1S51VJ000F Datasheet (HTML) - Sharp Corporation


GP1S51VJ000F Product details

■ Description
GP1S51VJ000F is a standard, phototransistor output, transmissive photointerrupter with opposing emitter and detector in a case, providing non-contact sensing. For this family of devices, the emitter and detector are inserted in a case, resulting in a through-hole design.
The case includes additional screw fixing holes, on both sides 3.2mm diameter.

■Features
1. Transmissive with phototransistor output
2. Highlights:
    • Verical Slit for alternate motion detection
    • Includes additional screw fixing holes
3. Key Parameters:
    • Gap Width : 3mm
    • Slit Width (detector side): 0.5mm
    • Package : 12.2×10×18mm
4. Lead free and RoHS directive compliant

■Applications
1. General purpose detection of object presence or motion.
2. Example : Printer, FAX, Optical storage unit




Similar Part No. - GP1S51VJ000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S51V SHARP-GP1S51V Datasheet
76Kb / 5P
General Purpose Photointerrupter
More results


Similar Description - GP1S51VJ000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A52HRJ00F SHARP-GP1A52HRJ00F Datasheet
155Kb / 12P
Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1L52VJ000F SHARP-GP1L52VJ000F Datasheet
155Kb / 12P
Gap : 3mm, Slit : 0.5mm Darlington Phototransistor Output, Case package Transmissive Photointerrupter
GP1A50HRJ00F SHARP-GP1A50HRJ00F Datasheet
154Kb / 12P
Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A51HRJ00F SHARP-GP1A51HRJ00F Datasheet
153Kb / 12P
Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A52LRJ00F SHARP-GP1A52LRJ00F Datasheet
154Kb / 12P
Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1L50J0000F SHARP-GP1L50J0000F Datasheet
157Kb / 12P
Gap : 3mm, Slit : 0.5mm Darlington Phototransistor Output, Case package Transmissive Photointerrupter
GP1L51J0000F SHARP-GP1L51J0000F Datasheet
157Kb / 12P
Gap : 3mm, Slit : 0.5mm Darlington Phototransistor Output, Case package Transmissive Photointerrupter
GP1S53VJ000F SHARP-GP1S53VJ000F Datasheet
155Kb / 12P
Gap : 5mm, Slit : 0.5mm Phototransistor Output, Case package Transmissive Photointerrupter
GP1S58VJ000F SHARP-GP1S58VJ000F Datasheet
178Kb / 12P
Gap : 5mm, Slit : 0.5mm Phototransistor Output, Case package Transmissive Photointerrupter
GP1S59J0000F SHARP-GP1S59J0000F Datasheet
160Kb / 12P
Gap : 4.2mm, Slit : 0.5mm Phototransistor Output, Case package Transmissive Photointerrupter
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com