Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NF-14-9 Datasheet (PDF) - Infinite Electronics International, Inc.

NF-14-9 Datasheet PDF - Infinite Electronics International, Inc.
Part # NF-14-9
Download  NF-14-9 Download
File Size   59.87 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description LPN-F / CRIMP LMR400 5.8 GHz

NF-14-9 Datasheet (PDF)

Go To PDF Page Download Datasheet
NF-14-9 Datasheet PDF - Infinite Electronics International, Inc.

Part # NF-14-9
Download  NF-14-9 Click to download

File Size   59.87 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description LPN-F / CRIMP LMR400 5.8 GHz

NF-14-9 Datasheet (HTML) - Infinite Electronics International, Inc.


NF-14-9 Product details

ELECTRICAL:
IMPEDANCE: 50 OHMS
FREQUENCY RANGE: 0 - 5.8GHz
GAS TUBE BREAKDOWN VOLTAGE: 180V + 20%
MISCELLANEOUS:
COMPONENTS SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATIONS PKG-00064.
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)




Similar Part No. - NF-14-9

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
NF-A-JJ HIROSE-NF-A-JJ Datasheet
378Kb / 5P
C15 Type Accessories
NF-A-JJ HIROSE-NF-A-JJ Datasheet
413Kb / 5P
The non-reflective terminators exhibit a high degree of matching of V.S.W.R. 1.12 or less for all products.
NF-A-JJ-1 HIROSE-NF-A-JJ-1 Datasheet
378Kb / 5P
C15 Type Accessories
NF-A-PJ-1 HIROSE-NF-A-PJ-1 Datasheet
378Kb / 5P
C15 Type Accessories
NF-A-PJ-1 HIROSE-NF-A-PJ-1 Datasheet
413Kb / 5P
The non-reflective terminators exhibit a high degree of matching of V.S.W.R. 1.12 or less for all products.
More results


Similar Description - NF-14-9

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
P05G-P-1.5DHQS HIROSE-P05G-P-1.5DHQS Datasheet
88Kb / 4P
5.8 GHz Mobile Coaxial Connectors
logo
ATMEL Corporation
ATR2809 ATMEL-ATR2809 Datasheet
145Kb / 3P
5.8-GHz DOWN CONVERTER IC
ATR7040 ATMEL-ATR7040 Datasheet
118Kb / 8P
5.8 GHz WDCT Power Amplifier
ATR7035 ATMEL-ATR7035_05 Datasheet
178Kb / 3P
5.8 GHz WDCT Power Amplifier
ATR2809 ATMEL-ATR2809_06 Datasheet
172Kb / 3P
5.8-GHz Down Converter IC
logo
TOKO, Inc
DAT TOKO-DAT Datasheet
103Kb / 2P
5.8 GHZ DIELECTRIC ANTENNA
logo
Transcom, Inc.
TC3531 TRANSCOM-TC3531 Datasheet
83Kb / 3P
5.8 GHz 1W MMIC
logo
Johanson Technology Inc...
5800BP18A0100 JOHANSON-5800BP18A0100 Datasheet
92Kb / 2P
5.8 GHz Band Pass Filter
logo
World Produts Inc.
WPANT30057-RA WPI-WPANT30057-RA Datasheet
69Kb / 2P
5.8 GHz Omni-Directional Antenna
WPANT30058-RA WPI-WPANT30058-RA Datasheet
67Kb / 2P
5.8 GHz Directional Antenna
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com