Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBPC40P Datasheet (PDF) - Won-Top Electronics

KBPC40P Datasheet PDF - Won-Top Electronics
Part # KBPC40P
Download  KBPC40P Download

File Size   55.38 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 40A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER

KBPC40P Datasheet (PDF)

Go To PDF Page Download Datasheet
KBPC40P Datasheet PDF - Won-Top Electronics

Part # KBPC40P
Download  KBPC40P Click to download

File Size   55.38 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 40A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER

KBPC40P Datasheet (HTML) - Won-Top Electronics

KBPC40P Datasheet HTML 1Page - Won-Top Electronics KBPC40P Datasheet HTML 2Page - Won-Top Electronics KBPC40P Datasheet HTML 3Page - Won-Top Electronics KBPC40P Datasheet HTML 4Page - Won-Top Electronics

KBPC40P Product details

Features

• Diffused Junction

• Low Reverse Leakage Current

• Low Power Loss, High Efficiency

• Electrically Isolated Epoxy Case for Maximum Heat Dissipation

• Case to Terminal Isolation Voltage 2500V

• Recognized File # E157705



 




Similar Part No. - KBPC40P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KBPC40 ETC1-KBPC40 Datasheet
204Kb / 4P
   10 to 40 Amp SINGLE PHASE SILICON BRIDGE
KBPC40-00 ETC1-KBPC40-00 Datasheet
204Kb / 4P
   10 to 40 Amp SINGLE PHASE SILICON BRIDGE
logo
TAITRON Components Inco...
KBPC40-005S TAITRON-KBPC40-005S Datasheet
152Kb / 4P
   40A Single-Phase in-line Bridge Rectifier
logo
List of Unclassifed Man...
KBPC40-01 ETC1-KBPC40-01 Datasheet
204Kb / 4P
   10 to 40 Amp SINGLE PHASE SILICON BRIDGE
logo
TAITRON Components Inco...
KBPC40-01S TAITRON-KBPC40-01S Datasheet
152Kb / 4P
   40A Single-Phase in-line Bridge Rectifier
More results


Similar Description - KBPC40P

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC40 WTE-KBPC40_06 Datasheet
54Kb / 4P
   40A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
KBPC40S WTE-KBPC40S Datasheet
73Kb / 4P
   40A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
KBPC4000 ZSELEC-KBPC4000 Datasheet
388Kb / 2P
   40A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
Won-Top Electronics
GBPC40 WTE-GBPC40_06 Datasheet
62Kb / 4P
   40A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBPC4000 ZSELEC-GBPC4000 Datasheet
90Kb / 2P
   40A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
Won-Top Electronics
GBPC40S WTE-GBPC40S_06 Datasheet
73Kb / 4P
   40A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
MB4005 TAITRON-MB4005 Datasheet
146Kb / 4P
   40A Single-Phase Bridge Rectifier
KBPC40-005S TAITRON-KBPC40-005S Datasheet
152Kb / 4P
   40A Single-Phase in-line Bridge Rectifier
logo
Won-Top Electronics
KBPC50S WTE-KBPC50S Datasheet
66Kb / 4P
   50A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
KBPC50P WTE-KBPC50P Datasheet
55Kb / 4P
   50A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com