Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5171PHPR Datasheet (PDF) - Texas Instruments

LM5171PHPR Datasheet PDF - Texas Instruments
Part # LM5171PHPR
Download  LM5171PHPR Download
File Size   5658.42 Kbytes
Page   95 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description LM5171 Dual Channel Bidirectional Controller

LM5171PHPR Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5171PHPR Datasheet PDF - Texas Instruments

Part # LM5171PHPR
Download  LM5171PHPR Click to download

File Size   5658.42 Kbytes
Page   95 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description LM5171 Dual Channel Bidirectional Controller

LM5171PHPR Datasheet (HTML) - Texas Instruments


LM5171PHPR Product details

1 Features
• Functional Safety-Capable
• 85V HV-port and 80V LV-port max ratings
• 1% Typical accuracy of bidirectional current
regulation
• 1% Typical accuracy of channel current monitoring
• I2C interface for monitoring and diagnosis
• Built-in 3.5V 1% reference voltage
• Integrated 5V 10mA bias supply
• 5A peak half-bridge gate drivers
• Programmable or adaptive dead-time control
• Programmable oscillator frequency up to 1MHz
with optional synchronization to external clock
• Independent channel enabling control inputs
• Integrated both current and voltage loop control
• Programmable cycle-by-cycle peak current limit
• Over-temperature shutdown
• HV and LV port overvoltage protection
• Dynamically selectable diode emulation and forced
PWM operation modes
• Programmable soft-start timer
• Support both multiphase and independent channel
operations
• Support urgent shutdown latch

2 Applications
• Battery Testing System (BTS)
• Super-cap or battery backup power converter
• Stackable high-power buck or boost applications

3 Description
The LM5171 controller provides the high voltage and
precision elements of a dual-channel bidirectional
converter. Examples include dual battery systems.
The LM5171 supports multiphase parallel operation
with balanced current sharing in each phase.
The LM5171 also supports independent channel
bi-directional operations making it versatile as
standalone controller operating as multiphase Buck/
Boost or independent Buck or Boost.
The dual-channel differential current sense amplifiers
and dedicated channel current monitors achieve
typical accuracy of 1%. The robust 5A half-bridge gate
drivers are capable of driving parallel MOSFETs for
scaling more power per channel. The controller can
be dynamically programmed to operate in either the
diode emulation mode (DEM) or forced PWM (FPWM)
mode. Versatile protection features include cycle-bycycle
current limiting, overvoltage protection at both
HV and LV ports, and overtemperature protection and
urgent shutdown latch.




Similar Part No. - LM5171PHPR

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM5171 HTC-LM5171 Datasheet
587Kb / 19P
1.5A, 280kHz, Boost Regulator
logo
Texas Instruments
LM5171 TI2-LM5171 Datasheet
5Mb / 89P
LM5171-Q1 Dual Channel Bidirectional Controller
REVISED SEPTEMBER 2025
LM5171-Q1 TI-LM5171-Q1 Datasheet
2Mb / 79P
LM5171-Q1 Dual Channel Bidirectional Controller
APRIL 2023
LM5171-Q1 TI2-LM5171-Q1 Datasheet
5Mb / 89P
LM5171-Q1 Dual Channel Bidirectional Controller
REVISED SEPTEMBER 2025
logo
HTC Korea TAEJIN Techno...
LM5171D HTC-LM5171D Datasheet
587Kb / 19P
1.5A, 280kHz, Boost Regulator
More results


Similar Description - LM5171PHPR

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1451 TSC-TS1451 Datasheet
138Kb / 7P
Dual Channel PWM Controller
logo
Diodes Incorporated
AP2001 DIODES-AP2001 Datasheet
176Kb / 8P
MONOLITHIC DUAL CHANNEL PWM CONTROLLER
AP2001 Rev. 2
logo
Texas Instruments
LM5170-Q1 TI1-LM5170-Q1 Datasheet
3Mb / 67P
Multiphase Bidirectional Current Controller
logo
Richtek Technology Corp...
RT3606BC RICHTEK-RT3606BC Datasheet
974Kb / 72P
Dual Channel PWM Controller
RT3606BE RICHTEK-RT3606BE Datasheet
983Kb / 70P
Dual Channel PWM Controller
RT8876A RICHTEK-RT8876A_14 Datasheet
696Kb / 50P
Dual Channel PWM Controller
logo
Texas Instruments
LM5170 TI1-LM5170 Datasheet
4Mb / 71P
LM5170 Multiphase Bidirectional Current Controller
logo
Alpha & Omega Semicondu...
AOZ8S204BL2 AOSMD-AOZ8S204BL2 Datasheet
1Mb / 6P
Dual Channel Bidirectional 0.15pF TVS Diode
Rev. 1.0 October 2021
AOZ8S205BL2 AOSMD-AOZ8S205BL2 Datasheet
1Mb / 6P
Dual Channel Bidirectional 0.075pF TVS Diode
Rev. 1.0 October 2021
logo
Texas Instruments
LM5171-Q1 TI-LM5171-Q1 Datasheet
2Mb / 79P
LM5171-Q1 Dual Channel Bidirectional Controller
APRIL 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com