Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP87563-Q1 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
LP87563-Q1 Datasheet PDF - Texas Instruments
Part # LP87563-Q1
Download  LP87563-Q1 Download
File Size   2985.93 Kbytes
Page   98 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description LP8756x-Q1 16-A Buck Converter With Integrated Switches

LP87563-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP87563-Q1 Datasheet PDF - Texas Instruments

Part # LP87563-Q1
Download  LP87563-Q1 Click to download

File Size   2985.93 Kbytes
Page   98 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description LP8756x-Q1 16-A Buck Converter With Integrated Switches

LP87563-Q1 Datasheet (HTML) - Texas Instruments


LP87563-Q1 Product details

1 Features
1• Qualified for Automotive Applications
• AEC-Q100 Qualified With the Following Results:
– Device Temperature Grade 1: –40°C to
+125°C Ambient Operating Temperature
– Device HBM ESD Classification Level 2
– Device CDM ESD Classification Level C4B
• Input Voltage: 2.8 V to 5.5 V
• Output Voltage: 0.6 V to 3.36 V
• Four High-Efficiency Step-Down DC/DC Converter
Cores:
– Maximum Output Current: 16 A (4 A per
Phase)
– Programmable Output Voltage Slew-Rate:
0.5 mV/μs to 10 mV/μs
• Switching Frequency: 2 MHz
• Spread-Spectrum Mode and Phase Interleaving
• Configurable General Purpose I/O (GPIOs)
• I2C-Compatible Interface That Supports Standard
(100 kHz), Fast (400 kHz), Fast+ (1 MHz), and
High-Speed (3.4 MHz) Modes
• Interrupt Function With Programmable Masking
• Programmable Power-Good Signal (PGOOD)
• Output Short-Circuit and Overload Protection
• Overtemperature Warning and Protection
• Overvoltage Protection (OVP) and Undervoltage
Lockout (UVLO)

2 Applications
Automotive Infotainment, Cluster, Radar, and
Camera Power Applications

3 Description
The LP8756x-Q1 device is designed to meet the
power-management requirements of the latest
processors and platforms in various automotive
power applications. The device contains four stepdown
DC/DC converter cores, which are configured
as a 4-phase output, 3-phase and 1-phase outputs,
2-phase and 2-phase outputs, one 2-phase and two
1-phase outputs, or four 1-phase outputs. The device
is controlled by an I2C-compatible serial interface and
by enable signals.
The automatic pulse-width-modulation (PWM) to
pulsed-frequency-modulation (PFM) operation (AUTO
mode), together with the automatic phase adding and
phase shedding, maximizes efficiency over a wide
output-current range. The LP8756x-Q1 supports
remote differential-voltage sensing for multiphase
outputs to compensate IR drop between the regulator
output and the point-of-load (POL) improving the
accuracy of the output voltage. The switching clock
can be forced to PWM mode and also synchronized
to an external clock to minimize the disturbances.
The LP8756x-Q1 device supports load-current
measurement without the addition of external currentsense
resistors. The device also supports
programmable start-up and shutdown delays and
sequences synchronized to enable signals. The
sequences can include GPIO signals to control
external regulators, load switches, and processor
reset. During start-up and voltage change, the device
controls the output slew rate to minimize outputvoltage
overshoot and in-rush current.




Similar Part No. - LP87563-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP87563-Q1 TI1-LP87563-Q1 Datasheet
2Mb / 95P
16-A Buck Converter With Integrated Switches
LP87563-Q1 TI1-LP87563-Q1 Datasheet
2Mb / 95P
16-A Buck Converter With Integrated Switches
LP87563-Q1 TI1-LP87563-Q1 Datasheet
2Mb / 95P
16-A Buck Converter With Integrated Switches
LP87563-Q1 TI1-LP87563-Q1 Datasheet
2Mb / 96P
16-A Buck Converter With Integrated Switches
LP87563-Q1 TI-LP87563-Q1 Datasheet
3Mb / 96P
LP8756x-Q1 16-A Buck Converter With Integrated Switches
MARCH 2018
More results


Similar Description - LP87563-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP87561-Q1 TI1-LP87561-Q1 Datasheet
2Mb / 95P
16-A Buck Converter With Integrated Switches
LP87561-Q1 TI1-LP87561-Q1_18 Datasheet
2Mb / 95P
16-A Buck Converter With Integrated Switches
LP87561-Q1 TI1-LP87561-Q1_19 Datasheet
2Mb / 95P
16-A Buck Converter With Integrated Switches
LP87561-Q1 TI1-LP87561-Q1_V01 Datasheet
2Mb / 96P
16-A Buck Converter With Integrated Switches
LP87561-Q1 TI-LP87561-Q1_V02 Datasheet
3Mb / 96P
LP8756x-Q1 16-A Buck Converter With Integrated Switches
MARCH 2018
LP87561-Q1 TI-LP87561-Q1_V03 Datasheet
2Mb / 96P
LP8756x-Q1 16-A Buck Converter With Integrated Switches
MARCH 2018
LP87521-Q1 TI-LP87521-Q1_V05 Datasheet
2Mb / 95P
LP8752x-Q1 10-A Buck Converter With Integrated Switches
MARCH 2018
LP87561-Q1 TI-LP87561-Q1_V04 Datasheet
2Mb / 97P
LP8756x-Q1 16-A Buck Converter With Integrated Switches
MARCH 2018
LP87521-Q1 TI-LP87521-Q1_V06 Datasheet
2Mb / 95P
LP8752x-Q1 10-A Buck Converter With Integrated Switches
MARCH 2018
LP87561-Q1 TI-LP87561-Q1_V05 Datasheet
2Mb / 98P
LP8756x-Q1 16-A Buck Converter With Integrated Switches
MARCH 2018
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com