Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54LVC86A Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
SN54LVC86A Datasheet PDF - Texas Instruments
Part # SN54LVC86A
Download  SN54LVC86A Download
File Size   1455.23 Kbytes
Page   22 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description SN74LVC86A-Q1 Automotive Quadruple 2-Input Exclusive-OR Gate

SN54LVC86A Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54LVC86A Datasheet PDF - Texas Instruments

Part # SN54LVC86A
Download  SN54LVC86A Click to download

File Size   1455.23 Kbytes
Page   22 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description SN74LVC86A-Q1 Automotive Quadruple 2-Input Exclusive-OR Gate

SN54LVC86A Datasheet (HTML) - Texas Instruments


SN54LVC86A Product details

1 Features
• Qualified for automotive applications
• ESD protection exceeds 2000V per
MIL-STD-883, Method 3015
• Operates from 2V to 3.6V
• Inputs accept voltages to 5.5V
• Max tpd of 4.6ns at 3.3V
• Typical VOLP (output ground bounce) < 0.8V at VCC
= 3.3V, TA = 25°C
• Typical VOHV (output VOH undershoot) > 2V at VCC
= 3.3V, TA = 25°C

2 Description
The SN74LVC86A-Q1 quadruple 2-input exclusive-
OR gate is designed for 2.7V to 3.6V VCC operation.




Similar Part No. - SN54LVC86A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVC86A TI-SN54LVC86A Datasheet
520Kb / 17P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54LVC86A TI1-SN54LVC86A Datasheet
2Mb / 36P
SNx4LVC86A Quadruple 2-Input Exclusive-OR Gates
MAY 2024
SN54LVC86A TI2-SN54LVC86A Datasheet
3Mb / 41P
SNx4LVC86A Quadruple 2-Input Exclusive-OR Gates
REVISED AUGUST 2024
SN54LVC86A TI1-SN54LVC86A_V01 Datasheet
2Mb / 36P
SNx4LVC86A Quadruple 2-Input Exclusive-OR Gates
MAY 2024
More results


Similar Description - SN54LVC86A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11086 TI-74AC11086 Datasheet
78Kb / 5P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
REVISED APRIL 1996
74ACT11086 TI1-74ACT11086 Datasheet
76Kb / 5P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
CD74ACT86-EP TI1-CD74ACT86-EP Datasheet
496Kb / 11P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
SN74LV86A-EP TI1-SN74LV86A-EP Datasheet
512Kb / 11P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
SN74LVC86A-EP TI1-SN74LVC86A-EP Datasheet
534Kb / 11P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
SN74HC86-Q1 TI1-SN74HC86-Q1 Datasheet
234Kb / 10P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
SN74LV86A-Q1 TI1-SN74LV86A-Q1 Datasheet
189Kb / 10P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
SN74LVC86A-Q1 TI1-SN74LVC86A-Q1 Datasheet
220Kb / 10P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
logo
Unisonic Technologies
U74AHCT86 UTC-U74AHCT86 Datasheet
175Kb / 4P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
logo
Texas Instruments
CD74AC86 TI1-CD74AC86_14 Datasheet
819Kb / 13P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com