Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7425 Datasheet (PDF) - Rohm

ML7425 Datasheet PDF - Rohm
Part # ML7425
Download  ML7425 Download
File Size   918.02 Kbytes
Page   24 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Sub-GHz RF low-power transceiver IC

ML7425 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML7425 Datasheet PDF - Rohm

Part # ML7425
Download  ML7425 Click to download

File Size   918.02 Kbytes
Page   24 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Sub-GHz RF low-power transceiver IC

ML7425 Datasheet (HTML) - Rohm


ML7425 Product details

■Features
• Compliant with wireless regulations of each country
• Japanese: RCR STD-30, ARIB STD-T67, ARIB STD-T108
• Europe: ETSI EN 300 220, ETSI EN 54-25
• North America: FCC CFR47 Part 15, FCC CFR47 Part 90, 24, 101
• Support standards
• IEEE802.15.4g/15.4aa
• Wi-SUN
• Wireless M-BUS
• Sigfox Revision 2.E
• RF Frequency
• 145MHz to 170MHz
• 210MHz to 250MHz
• 280MHz to 340MHz
• 415MHz to 510MHz
• 835MHz to 1,020MHz
• Realizes high-precision modulation by direct modulation method of fractional-N PLL
• Support modulation scheme: 2(G)FSK/4(G)FSK, ASK, OOK, BPSK (Tx only)
• Suppot data rate : 0.1k to 1,200kbps (2FSK: 0.1k to 600kbps/4FSK: 0.2k to 1,200kbps)
• Equipped with encoding function of NRZ, Manchester, and 3 out of 6
• Equipped with data whitening function
• Equipped with a programmable channel filter function
• Equipped with a programmable frequency deviation function
• Built-in polarity reversal function for Tx/Rx data
• Equipped with TCXO direct input function (24 to 26MHz/48MHz to 52MHz)
• On-chip crystal oscillation circuit (24 to 26MHz/48MHz to 52MHz)
• Equipped with a load capacitance adjustment function for oscillation circuit pin
• Equipped with frequency fine adjustment function (Fine-tunable with fractional-N PLL)
• Built-in synchronous serial peripheral interface(SPI)
• Built-in Tx PA with power control function
• Equipped with Tx power fine adjustment function
• Equipped with automatic ramp control of Tx power
• Equipped with external Tx PA control function




Similar Part No. - ML7425

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML7406 ETC2-ML7406 Datasheet
1,004Kb / 104P
868MHz SRD RF transceiver IC
logo
LAPIS Semiconductor Co....
ML7406 LAPIS-ML7406 Datasheet
937Kb / 104P
868MHz SRD RF transceiver IC
ML7416N-060 LAPIS-ML7416N-060 Datasheet
847Kb / 69P
Broadband RF Transceiver IC with Built-in MCU
logo
Minilogic Device Corpor...
ML74UL00 MINILOGIC-ML74UL00 Datasheet
122Kb / 3P
2-input NAND Gate
ML74UL02 MINILOGIC-ML74UL02 Datasheet
122Kb / 3P
2-input NOR Gate
More results


Similar Description - ML7425

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1100E TI-CC1100E_13 Datasheet
2Mb / 97P
Low-Power Sub-GHz RF Transceiver
CC1100RTK TI1-CC1100RTK Datasheet
1Mb / 100P
Low-Power Sub- 1 GHz RF Transceiver
CC1100ERGPR TI-CC1100ERGPR Datasheet
2Mb / 97P
Low-Power Sub-GHz RF Transceiver
CC1101RGPR TI-CC1101RGPR Datasheet
2Mb / 105P
Low-Power Sub-1 GHz RF Transceiver
CC2400RSUR TI-CC2400RSUR Datasheet
756Kb / 84P
2.4 GHz Low-Power RF Transceiver
CC1100 TI1-CC1100_14 Datasheet
1Mb / 100P
Low-Power Sub- 1 GHz RF Transceiver
CC1100E TI1-CC1100E_14 Datasheet
1Mb / 95P
Low-Power Sub-GHz RF Transceiver
CC1101 TI1-CC1101_15 Datasheet
1Mb / 105P
Low-Power Sub-1 GHz RF Transceiver
logo
Semtech Corporation
SX1261 SEMTECH-SX1261 Datasheet
2Mb / 107P
Long Range, Low Power, sub-GHz RF Transceiver
SX1268 SEMTECH-SX1268 Datasheet
2Mb / 105P
Long Range, Low Power, sub-GHz RF Transceiver
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com