Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL8140ACPZN Datasheet (PDF) - Analog Devices

ADL8140ACPZN Datasheet PDF - Analog Devices
Part # ADL8140ACPZN
Download  ADL8140ACPZN Download
File Size   1292.46 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10 GHz to 18 GHz Low Noise Amplifier

ADL8140ACPZN Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL8140ACPZN Datasheet PDF - Analog Devices

Part # ADL8140ACPZN
Download  ADL8140ACPZN Click to download

File Size   1292.46 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10 GHz to 18 GHz Low Noise Amplifier

ADL8140ACPZN Datasheet (HTML) - Analog Devices


ADL8140ACPZN Product details

GENERAL DESCRIPTION
The ADL8140 is a low noise amplifier (LNA) that operates from 10
GHz to 18 GHz.
Typical gain and noise figure are 27.5 dB and 1 dB, respectively,
from 12 GHz to 15 GHz. Output power for 1 dB compression
(OP1dB) and output third-order intercept (OIP3), are 8 dBm and 23
dBm, respectively, from 12 GHz to 15 GHz. The nominal quiescent
current (IDQ), which can be adjusted, is 35 mA from a 1.5 V supply
voltage (VDD). The ADL8140 also features inputs/outputs that are
AC-coupled and internally matched to 50 Ω.

FEATURES
► Self biased, single positive supply LNA
► Resistor-adjustable bias current
► Internally matched and AC-coupled
► Frequency range: 10 GHz to 18 GHz
► Noise figure: 1 dB from 12 GHz to 15 GHz
► Gain: 27.5 dB from 12 GHz to 15 GHz
► RoHS-compliant, 2 mm × 2 mm, 8-lead LFCSP

APPLICATIONS
► Satellite communications
► Radar
► Telecommunications




Similar Part No. - ADL8140ACPZN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL8140ACPZN-CSL AD-ADL8140ACPZN-CSL Datasheet
304Kb / 8P
10 GHz to 18 GHz Low Noise Amplifier
Rev. 0
ADL8140ACPZN-R7-CSL AD-ADL8140ACPZN-R7-CSL Datasheet
304Kb / 8P
10 GHz to 18 GHz Low Noise Amplifier
Rev. 0
More results


Similar Description - ADL8140ACPZN

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CLA-18-6004 TELEDYNE-CLA-18-6004 Datasheet
898Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
CLA-18-6005 TELEDYNE-CLA-18-6005 Datasheet
896Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
CLA-18-6006 TELEDYNE-CLA-18-6006 Datasheet
896Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
CLA-18-6007 TELEDYNE-CLA-18-6007 Datasheet
896Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
TLA-18-2002 TELEDYNE-TLA-18-2002 Datasheet
895Kb / 2P
Low Noise Amplifier 2 GHz - 18 GHz
TLA-18-6004 TELEDYNE-TLA-18-6004 Datasheet
893Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
TLA-18-6005 TELEDYNE-TLA-18-6005 Datasheet
891Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
TLA-18-6006 TELEDYNE-TLA-18-6006 Datasheet
891Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
logo
Analog Devices
HMC8411LP2FE AD-HMC8411LP2FE Datasheet
575Kb / 23P
Low Noise Amplifier, 0.01 GHz to 10 GHz
5/2019-Rev. 0 to Rev. A
HMC8412CHIPS AD-HMC8412CHIPS Datasheet
485Kb / 21P
Low Noise Amplifier, 0.4 GHz to 10 GHz
8/2020-Revision 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com