Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2AA Datasheet (PDF) - Won-Top Electronics

S2AA Datasheet PDF - Won-Top Electronics
Part # S2AA
Download  S2AA Download
File Size   47.0 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 2.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE

S2AA Datasheet (PDF)

Go To PDF Page Download Datasheet
S2AA Datasheet PDF - Won-Top Electronics

Part # S2AA
Download  S2AA Click to download

File Size   47.0 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 2.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE

S2AA Datasheet (HTML) - Won-Top Electronics


S2AA Product details

Features

Glass Passivated Die Construction

Ideally Suited for Automatic Assembly

Low Forward Voltage Drop

Surge Overload Rating to 60A Peak

Low Power Loss

Built-in Strain Relief

Plastic Case Material has UL Flammability Classification Rating 94V-O



Case: SMA/DO-214AC




Similar Part No. - S2AA

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
S2AA SSE-S2AA Datasheet
16Kb / 1P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
S2AA DIODES-S2AA Datasheet
47Kb / 2P
1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16004 Rev. 7 - 2
S2AA DIODES-S2AA Datasheet
83Kb / 3P
1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16004 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
S2AA TSC-S2AA Datasheet
51Kb / 2P
1.5 AMPS. Surface Mount Rectifiers
S2AA TSC-S2AA Datasheet
133Kb / 2P
1.5 AMPS. Surface Mount Rectifiers
More results


Similar Description - S2AA

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
ER2A WTE-ER2A_06 Datasheet
54Kb / 4P
2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ER2AA WTE-ER2AA Datasheet
54Kb / 4P
2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
S2A WTE-S2A_06 Datasheet
46Kb / 4P
2.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
UF2A WTE-UF2A_06 Datasheet
56Kb / 4P
2.0A SURFACE MOUNT GLASS PASSIVATED ULTRAFAST DIODE
logo
Zibo Seno Electronic En...
RS2ABF ZSELEC-RS2ABF Datasheet
109Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
ER2A ZSELEC-ER2A Datasheet
121Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ES2A ZSELEC-ES2A Datasheet
121Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ES2ABF ZSELEC-ES2ABF Datasheet
107Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ES2AF ZSELEC-ES2AF Datasheet
108Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
SMBYW02-50 ZSELEC-SMBYW02-50 Datasheet
110Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com