Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FGA40T65SHD Datasheet (PDF) - ON Semiconductor

FGA40T65SHD Datasheet PDF - ON Semiconductor
Part # FGA40T65SHD
Download  FGA40T65SHD Download
File Size   228.39 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Field Stop Trench IGBT 650 V, 40 A

FGA40T65SHD Datasheet (PDF)

Go To PDF Page Download Datasheet
FGA40T65SHD Datasheet PDF - ON Semiconductor

Part # FGA40T65SHD
Download  FGA40T65SHD Click to download

File Size   228.39 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Field Stop Trench IGBT 650 V, 40 A

FGA40T65SHD Datasheet (HTML) - ON Semiconductor


FGA40T65SHD Product details

General Description
Using novel field stop IGBT technology, onsemi’s new series of
field stop 3rd generation IGBTs offer the optimum performance for
solar inverter, UPS, welder, telecom, ESS and PFC applications where
low conduction and switching losses are essential.
Features
 Maximum Junction Temperature: TJ = 175C
 Positive Temperature Co−efficient for Easy Parallel Operating
 High Current Capability
 Low Saturation Voltage: VCE(sat) = 1.6 V (Typ.) @ IC = 40 A
 100% of the Parts Tested for ILM(1)
 High Input Impedance
 Fast Switching
 Tighten Parameter Distribution
 These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
 Solar Inverter, UPS, Welder, Telecom, ESS, PFC




Similar Part No. - FGA40T65SHD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGA40N60UFD FAIRCHILD-FGA40N60UFD Datasheet
577Kb / 8P
Ultrafast IGBT
FGA40N65SMD FAIRCHILD-FGA40N65SMD Datasheet
3Mb / 12P
New Products, Tips and Tools for Power and Mobile Applications
FGA40N65SMD FAIRCHILD-FGA40N65SMD Datasheet
298Kb / 14P
DESIGN/PROCESS CHANGE NOTIFICATION
logo
ON Semiconductor
FGA40N65SMD ONSEMI-FGA40N65SMD Datasheet
373Kb / 9P
Field Stop IGBT 650 V, 40 A
February, 2024 - Rev. 3
More results


Similar Description - FGA40T65SHD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH40T65UPD FAIRCHILD-FGH40T65UPD Datasheet
308Kb / 10P
650 V, 40 A Field Stop Trench IGBT
logo
ON Semiconductor
FGH40T65SQD ONSEMI-FGH40T65SQD Datasheet
937Kb / 11P
650 V, 40 A Field Stop Trench IGBT
June 2017 Rev. 1.0
AFGHL40T65SQ ONSEMI-AFGHL40T65SQ Datasheet
255Kb / 8P
Field Stop Trench IGBT 40A, 650V
January, 2020 ??Rev. 1
AFGHL40T65SQD ONSEMI-AFGHL40T65SQD Datasheet
268Kb / 9P
Field Stop Trench IGBT 40A, 650V
June, 2020 ??Rev. 2
FGAF40S65AQ ONSEMI-FGAF40S65AQ Datasheet
491Kb / 10P
Field Stop Trench IGBT 650 V, 40 A
May, 2021 ??Rev. 3
FGH40T65SH ONSEMI-FGH40T65SH Datasheet
480Kb / 8P
IGBT - Field Stop, Trench 650 V, 40 A
December, 2020 - Rev. 3
FGH40T65SHD ONSEMI-FGH40T65SHD Datasheet
1Mb / 9P
IGBT - Field Stop, Trench 650 V, 40 A
April, 2020 ??Rev. 3
FGH40T65SPD ONSEMI-FGH40T65SPD Datasheet
585Kb / 9P
IGBT - Field Stop, Trench 650 V, 40 A
November, 2020 ??Rev. 4
FGHL40S65UQ ONSEMI-FGHL40S65UQ Datasheet
311Kb / 10P
Field Stop Trench IGBT 40 A, 650 V
May, 2019 ??Rev. P0
FGH40T65SHDF ONSEMI-FGH40T65SHDF Datasheet
503Kb / 9P
IGBT - Field Stop, Trench 650 V, 40 A
November, 2020 ??Rev. 4
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com