Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMP4006SPSWQ Datasheet (PDF) - Diodes Incorporated

DMP4006SPSWQ Datasheet PDF - Diodes Incorporated
Part # DMP4006SPSWQ
Download  DMP4006SPSWQ Download
File Size   372.31 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V P-CHANNEL ENHANCEMENT MODE MOSFET

DMP4006SPSWQ Datasheet (PDF)

Go To PDF Page Download Datasheet
DMP4006SPSWQ Datasheet PDF - Diodes Incorporated

Part # DMP4006SPSWQ
Download  DMP4006SPSWQ Click to download

File Size   372.31 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V P-CHANNEL ENHANCEMENT MODE MOSFET

DMP4006SPSWQ Datasheet (HTML) - Diodes Incorporated


DMP4006SPSWQ Product details

Description and Applications
This MOSFET is designed to meet the stringent requirements of
automotive applications. It is qualified to AEC-Q101, supported by a
PPAP and is ideal for use in:
• Reverse-polarity protections
• BLDC motor controls
• Power-management functions
• Systems/load switches

Features and Benefits
• 100% Unclamped Inductive Switch (UIS) Test in Production
• Low On-Resistance
• Fast Switching Speed
• Wettable Flank for Improved Optical Inspections
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• The DMP4006SPSWQ is suitable for automotive applications
requiring specific change control; this part is AEC-Q101
qualified, PPAP capable, and manufactured in IATF 16949
certified facilities.
https://www.diodes.com/quality/product-definitions/

Mechanical Data
• Package: PowerDI®5060-8
• Package Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
• Moisture Sensitivity: Level 1 per J-STD-020
• Terminal Finish - Matte Tin Annealed over Copper Leadframe;
Solderable per MIL-STD-202, Method 208
• Weight: 0.097 grams (Approximate)




Similar Part No. - DMP4006SPSWQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP4010SK3 DIODES-DMP4010SK3 Datasheet
503Kb / 7P
P-CHANNEL ENHANCEMENT MODE MOSFET
October 2015
DMP4010SK3-13 DIODES-DMP4010SK3-13 Datasheet
503Kb / 7P
P-CHANNEL ENHANCEMENT MODE MOSFET
October 2015
DMP4010SK3Q DIODES-DMP4010SK3Q Datasheet
493Kb / 7P
P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMP4010SK3Q-13 DIODES-DMP4010SK3Q-13 Datasheet
493Kb / 7P
P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMP4011SK3 DIODES-DMP4011SK3 Datasheet
435Kb / 7P
P-CHANNEL ENHANCEMENT MODE MOSFET
January 2019 Rev. 2 - 2
More results


Similar Description - DMP4006SPSWQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP4051LK3 DIODES-DMP4051LK3_10 Datasheet
673Kb / 8P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
DS32114 Rev. 2 - 2
ZXMP4A16G DIODES-ZXMP4A16G Datasheet
277Kb / 7P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
JULY 2003
ZXMP4A16K DIODES-ZXMP4A16K Datasheet
582Kb / 8P
40V P-channel enhancement mode MOSFET
MARCH 2006
DMP4050SSS DIODES-DMP4050SSS_15 Datasheet
676Kb / 8P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
logo
Shanghai Leiditech Elec...
LM3L5P04 LEIDITECH-LM3L5P04 Datasheet
1Mb / 5P
-40V P-Channel Enhancement Mode MOSFET
logo
DONGGUAN YOU FENG WEI E...
YFW40P04DF YFWDIODE-YFW40P04DF Datasheet
1Mb / 5P
-40V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
logo
Pan Jit International I...
PJL9421 PANJIT-PJL9421 Datasheet
605Kb / 6P
40V P-Channel Enhancement Mode MOSFET
May 12,2017-REV.00
PJQ4441P-AU PANJIT-PJQ4441P-AU Datasheet
792Kb / 6P
40V P-Channel Enhancement Mode MOSFET
January 26,2022 PJQ4441P-AU-REV.01
PJQ4441P PANJIT-PJQ4441P Datasheet
792Kb / 6P
40V P-Channel Enhancement Mode MOSFET
January 26,2022 PJQ4441P-REV.01
PJQ5453 PANJIT-PJQ5453 Datasheet
595Kb / 6P
40V P-Channel Enhancement Mode MOSFET
May 9,2019-REV.00
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com