Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCL540X01 Datasheet (PDF) - Toshiba Semiconductor

DCL540X01 Datasheet PDF - Toshiba Semiconductor
Part # DCL540X01
Download  DCL540X01 Download
File Size   1033.32 Kbytes
Page   31 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description HIGH SPEED QUAD CHANNEL DIGITAL ISOLATORS

DCL540X01 Datasheet (PDF)

Go To PDF Page Download Datasheet
DCL540X01 Datasheet PDF - Toshiba Semiconductor

Part # DCL540X01
Download  DCL540X01 Click to download

File Size   1033.32 Kbytes
Page   31 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description HIGH SPEED QUAD CHANNEL DIGITAL ISOLATORS

DCL540X01 Datasheet (HTML) - Toshiba Semiconductor


DCL540X01 Product details

Applications
• Industrial automation systems
• Motor control
• Inverter
• Switching power supply

Features
Data rate : Up to 150 Mbps
Supply voltage : 2.25 V to 5.5 V
Temperature Range : –40 °C to 110 °C
Propagation Delay :10.9 ns Typical (5.0 V operation)
Default Output : High and Low Options
High CMTI(min) : ±100 kV/μs
Withstand Voltage : 5 kVrms
Package : 16pin SOIC Wide body
Safety-Related Certification :
UL : UL1577, File No. E519997
cUL : CSA Component Acceptance Service Notice No. 5A, File No. E519997
VDE : DIN VDE V 0884-11(VDE V 0884-11) Certificate No. 40055132
CQC : GB 4943.1-2022 Certificate No. CQC22001345018




Similar Part No. - DCL540X01

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
DCL541H01 TOSHIBA-DCL541H01 Datasheet
951Kb / 26P
HIGH SPEED QUAD CHANNEL DIGITAL ISOLATORS
2023-06-07 Rev.1.0
DCL541L01 TOSHIBA-DCL541L01 Datasheet
951Kb / 26P
HIGH SPEED QUAD CHANNEL DIGITAL ISOLATORS
2023-06-07 Rev.1.0
DCL542H01 TOSHIBA-DCL542H01 Datasheet
951Kb / 26P
HIGH SPEED QUAD CHANNEL DIGITAL ISOLATORS
2023-06-07 Rev.1.0
DCL542L01 TOSHIBA-DCL542L01 Datasheet
951Kb / 26P
HIGH SPEED QUAD CHANNEL DIGITAL ISOLATORS
2023-06-07 Rev.1.0
DCL54XX01 TOSHIBA-DCL54XX01 Datasheet
951Kb / 26P
HIGH SPEED QUAD CHANNEL DIGITAL ISOLATORS
2023-06-07 Rev.1.0
More results


Similar Description - DCL540X01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7240C TI-ISO7240C_08 Datasheet
868Kb / 25P
HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7240CF TI-ISO7240CF_10 Datasheet
801Kb / 27P
HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7240CF-Q1 TI1-ISO7240CF-Q1 Datasheet
826Kb / 27P
HIGH-SPEED QUAD DIGITAL ISOLATORS
ISO7240CF TI1-ISO7240CF_12 Datasheet
1Mb / 31P
HIGH SPEED QUAD DIGITAL ISOLATORS
logo
Analog Devices
ADUM3440CRWZ AD-ADUM3440CRWZ Datasheet
389Kb / 24P
Quad Channel, High Speed Digital Isolators
REV. D
ADUM3440 AD-ADUM3440_15 Datasheet
389Kb / 24P
Quad Channel, High Speed Digital Isolators
Rev. D
ADUM3441 AD-ADUM3441_15 Datasheet
389Kb / 24P
Quad Channel, High Speed Digital Isolators
Rev. D
ADUM3442 AD-ADUM3442_15 Datasheet
389Kb / 24P
Quad Channel, High Speed Digital Isolators
Rev. D
logo
Texas Instruments
ISO7240CF TI1-ISO7240CF_15 Datasheet
2Mb / 46P
High-Speed, Quad-Channel Digital Isolators
ISO7240CF-Q1 TI1-ISO7240CF-Q1_13 Datasheet
1Mb / 27P
HIGH-SPEED QUAD DIGITAL ISOLATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com