Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SZ5A28 Datasheet (PDF) - Solid States Devices, Inc

SZ5A28 Datasheet PDF - Solid States Devices, Inc
Part # SZ5A28
Download  SZ5A28 Download
File Size   112.37 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 500mW and 800mW 2.4 - 200 VOLTS ZENER DIODES

SZ5A28 Datasheet (PDF)

Go To PDF Page Download Datasheet
SZ5A28 Datasheet PDF - Solid States Devices, Inc

Part # SZ5A28
Download  SZ5A28 Click to download

File Size   112.37 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 500mW and 800mW 2.4 - 200 VOLTS ZENER DIODES

SZ5A28 Datasheet (HTML) - Solid States Devices, Inc




Similar Part No. - SZ5A28

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SZ5A2.4 SSDI-SZ5A2.4 Datasheet
131Kb / 2P
2.4 ??200 VOLTS ZENER DIODES
SZ5A2.4 SSDI-SZ5A2.4_1 Datasheet
131Kb / 2P
2.4 ??200 VOLTS ZENER DIODES
More results


Similar Description - SZ5A28

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMHZ5221B CENTRAL-CMHZ5221B Datasheet
59Kb / 2P
SURFACE MOUNT ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
logo
Micro Commercial Compon...
BZT52C2V4S MCC-BZT52C2V4S Datasheet
411Kb / 4P
200 mW Zener Diodes 2.4 to 39 Volts
MMXZ5221B MCC-MMXZ5221B Datasheet
410Kb / 4P
200 mW Zener Diodes 2.4 to 39 Volts
logo
Shanghai Lunsure Electr...
DL5221 CHENYI-DL5221 Datasheet
858Kb / 2P
500mw zener diode 2.4 to 47 volts
logo
Solid States Devices, I...
SZ5A2.4 SSDI-SZ5A2.4_1 Datasheet
131Kb / 2P
2.4 ??200 VOLTS ZENER DIODES
SZN6309 SSDI-SZN6309 Datasheet
180Kb / 4P
2.4 ??200 VOLTS ZENER DIODES
logo
Central Semiconductor C...
1N5221B CENTRAL-1N5221B_11 Datasheet
348Kb / 2P
SILICON ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
logo
New Jersey Semi-Conduct...
1N5221A NJSEMI-1N5221A Datasheet
114Kb / 1P
GLASS ZENER DIODES 500 MILLIWATTS 2.4-200 VOLTS
logo
SUNMATE electronic Co.,...
BZD27C3V6P SUNMATE-BZD27C3V6P Datasheet
1Mb / 2P
800mW Surface Mount Zener Diodes
logo
GOOD-ARK Electronics
1N5221 GOOD-ARK-1N5221_15 Datasheet
115Kb / 3P
Zener Diodes Zener Voltage Range: 2.4 to 200 Volts Power Dissipation: 500mW
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com