Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM5203N-20 Datasheet (PDF) - Excelliance MOS Corp.

EM5203N-20 Datasheet PDF - Excelliance MOS Corp.
Part # EM5203N-20
Download  EM5203N-20 Download
File Size   1040.04 Kbytes
Page   8 Pages
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.
Description 3A Current-Limited Power Distribution Switches

EM5203N-20 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM5203N-20 Datasheet PDF - Excelliance MOS Corp.

Part # EM5203N-20
Download  EM5203N-20 Click to download

File Size   1040.04 Kbytes
Page   8 Pages
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.
Description 3A Current-Limited Power Distribution Switches

EM5203N-20 Datasheet (HTML) - Excelliance MOS Corp.


EM5203N-20 Product details

General Description
The EM5203N is an N-channel MOSFET
high-side power switch without parasitic body
diode between drain and source. The EM5203N
provides very low on-resistance as 58m and
continuously delivers up to 3A output current. The
fault flag output function indicates fault conditions
to the local USB controller. The other features
include soft start, current limit protection,
Power-On-Reset function, and over temperature
protection. The EM5203N is available in MSOP-8
package.

Applications
 USB
 Notebook & Netbook &MB

Features
 Wide Input Range 2.5V to 5.5V
 Low MOSFET On Resistance (58m)
 Low Quiescent (65uA) & Shutdown Current
 Deglitched Open-Drain Fault Flag Output
 Reverse Current Flow blocking
 Power On Reset Function
 Current Limit Protection
 Reverse Voltage Protection
 Over Temperature Protection
 Soft Start and Fast turn off
 Enable Active High or Active Low
 UL Recognized, File No.E468218-A1-CB1




Similar Part No. - EM5203N-20

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EM5203 EXCELLIANCE-EM5203 Datasheet
1Mb / 12P
Current-Limited Power Distribution Switches
2020/03/26
EM5203AJ EXCELLIANCE-EM5203AJ Datasheet
896Kb / 8P
2A Current-Limited Power Distribution Switches
2023/06/08
EM5203AJ-02A EXCELLIANCE-EM5203AJ-02A Datasheet
1Mb / 12P
Current-Limited Power Distribution Switches
2020/03/26
EM5203AJ-05A EXCELLIANCE-EM5203AJ-05A Datasheet
1Mb / 12P
Current-Limited Power Distribution Switches
2020/03/26
EM5203AJ-10A EXCELLIANCE-EM5203AJ-10A Datasheet
1Mb / 12P
Current-Limited Power Distribution Switches
2020/03/26
More results


Similar Description - EM5203N-20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
CURRENT LIMITED POWER DISTRIBUTION SWITCHES
Oct-2003
ST2054 STMICROELECTRONICS-ST2054 Datasheet
445Kb / 9P
CURRENT LIMITED POWER DISTRIBUTION SWITCHES
13-Jul-2005
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2066 TI-TPS2066_08 Datasheet
1Mb / 35P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
Current limited Power distribution switches
29-May-2007
logo
Texas Instruments
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
Current Limited, Power-Distribution Switches
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com