Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XLC-40-H-DA2 Datasheet (PDF) - Mean Well Enterprises Co., Ltd.

XLC-40-H-DA2 Datasheet PDF - Mean Well Enterprises Co., Ltd.
Part # XLC-40-H-DA2
Download  XLC-40-H-DA2 Download
File Size   359.17 Kbytes
Page   11 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description 40W Multiple-Stage Constant Power/Constant Voltage LED Driver

XLC-40-H-DA2 Datasheet (PDF)

Go To PDF Page Download Datasheet
XLC-40-H-DA2 Datasheet PDF - Mean Well Enterprises Co., Ltd.

Part # XLC-40-H-DA2
Download  XLC-40-H-DA2 Click to download

File Size   359.17 Kbytes
Page   11 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description 40W Multiple-Stage Constant Power/Constant Voltage LED Driver

XLC-40-H-DA2 Datasheet (HTML) - Mean Well Enterprises Co., Ltd.


XLC-40-H-DA2 Product details

Features
Constant power mode output with multiple stage
selectable by dip switch or NFC setting (H-type)
Constant voltage mode output (12V/24V)
Plastic housing with class Il and PFC design
Meet UL 8750 Class 2 / Class P power unit
Flicker free, complying with CE EP directive
Standby power consumption <0.5W
Meet emergency lighting (EL) function application
Minimum dimming level 0.1% (DALI-2 DT6)
Dimming functions: 3 in 1 dimming (Dim-to-off)
DALI-2 + Push dimming
5 years warranty




Similar Part No. - XLC-40-H-DA2

ManufacturerPart #DatasheetDescription
logo
XENOENERGY Co.Ltd.,
XLC-0820 XENO-XLC-0820 Datasheet
246Kb / 1P
XLC (XENO Lithium Ion Capacitor)
XLC-1030 XENO-XLC-1030 Datasheet
226Kb / 1P
XLC (XENO Lithium Ion Capacitor)
XLC-1320 XENO-XLC-1320 Datasheet
241Kb / 1P
XLC (XENO Lithium Ion Capacitor)
XLC-1325 XENO-XLC-1325 Datasheet
227Kb / 1P
XLC (XENO Lithium Ion Capacitor)
XLC-1335 XENO-XLC-1335 Datasheet
226Kb / 1P
XLC (XENO Lithium Ion Capacitor)
More results


Similar Description - XLC-40-H-DA2

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LCM-25 MEANWELL-LCM-25 Datasheet
186Kb / 8P
25W Multiple-Stage Constant Current Mode LED Driver
LCM-40U MEANWELL-LCM-40U Datasheet
288Kb / 11P
35W Multiple-Stage Constant Current Mode LED Driver
LCM-60U MEANWELL-LCM-60U Datasheet
297Kb / 11P
50W Multiple-Stage Constant Current Mode LED Driver
LCM-60UDA MEANWELL-LCM-60UDA Datasheet
146Kb / 7P
50W Multiple-Stage Constant Current Mode LED Driver
LCM-25BLE MEANWELL-LCM-25BLE Datasheet
1Mb / 8P
25W Multiple-Stage Constant Current Mode LED Driver
LCM-25KN MEANWELL-LCM-25KN Datasheet
532Kb / 8P
25W Multiple-Stage Constant Current Mode LED Driver
LCM-40BLE MEANWELL-LCM-40BLE Datasheet
832Kb / 8P
40W Multiple-Stage Constant Current Mode LED Driver
LCM-40KN MEANWELL-LCM-40KN Datasheet
639Kb / 9P
40W Multiple-Stage Constant Current Mode LED Driver
LCM-60BLE MEANWELL-LCM-60BLE Datasheet
834Kb / 8P
60W Multiple-Stage Constant Current Mode LED Driver
LCM-60KN MEANWELL-LCM-60KN Datasheet
661Kb / 9P
60W Multiple-Stage Constant Current Mode LED Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com