Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1400905 Datasheet (PDF) - PHOENIX CONTACT

1400905 Datasheet PDF - PHOENIX CONTACT
Part # 1400905
Download  1400905 Download
File Size   646.09 Kbytes
Page   25 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P-MR-B SCO/.../... - Sensor/actuator cable

1400905 Datasheet (PDF)

Go To PDF Page Download Datasheet
1400905 Datasheet PDF - PHOENIX CONTACT

Part # 1400905
Download  1400905 Click to download

File Size   646.09 Kbytes
Page   25 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P-MR-B SCO/.../... - Sensor/actuator cable

1400905 Datasheet (HTML) - PHOENIX CONTACT


1400905 Product details

Sensor/actuator cable, 3-position, Plug angled M12 SPEEDCON, coding: A, on Valve connector
B (10 mm), Wiring: unwired, cable length: Free input (0.2 ... 40.0 m)

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Save time, thanks to installation with SPEEDCON fast locking system
• Flexible solutions - configurable materials with variable cable types and cable lengths




Similar Part No. - 1400905

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1400900 PHOENIX-1400900 Datasheet
635Kb / 24P
SAC-3P-MS-BI SCO/.../... - Sensor/actuator cable
1400901 PHOENIX-1400901 Datasheet
641Kb / 24P
SAC-3P-MR-BI SCO/.../... - Sensor/actuator cable
1400902 PHOENIX-1400902 Datasheet
580Kb / 24P
SAC-3P-BI/.../... - Sensor/actuator cable
1400903 PHOENIX-1400903 Datasheet
636Kb / 24P
SAC-3P-MS-B SCO/.../... - Sensor/actuator cable
1400909 PHOENIX-1400909 Datasheet
581Kb / 24P
SAC-3P-B/.../... - Sensor/actuator cable
More results


Similar Description - 1400905

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1434934 PHOENIX-1434934 Datasheet
120Kb / 9P
Sensor/Actuator cable - SAC-3P-MR/ 0,3-PUR/A-1L-Z SCO
1434947 PHOENIX-1434947 Datasheet
120Kb / 9P
Sensor/Actuator cable - SAC-3P-MR/ 0,6-PUR/A-1L-Z SCO
1434950 PHOENIX-1434950 Datasheet
120Kb / 9P
Sensor/Actuator cable - SAC-3P-MR/ 1,5-PUR/A-1L-Z SCO
1435195 PHOENIX-1435195 Datasheet
118Kb / 8P
Sensor/Actuator cable - SAC-3P-MR/ 0,6-PUR/BI-1L-Z SCO
1435218 PHOENIX-1435218 Datasheet
119Kb / 9P
Sensor/Actuator cable - SAC-3P-MR/ 3,0-PUR/BI-1L-Z SCO
1435331 PHOENIX-1435331 Datasheet
119Kb / 9P
Sensor/Actuator cable - SAC-3P-MR/ 0,3-PUR/B-1L-Z SCO
1435344 PHOENIX-1435344 Datasheet
119Kb / 9P
Sensor/Actuator cable - SAC-3P-MR/ 0,6-PUR/B-1L-Z SCO
1435357 PHOENIX-1435357 Datasheet
119Kb / 9P
Sensor/Actuator cable - SAC-3P-MR/ 1,5-PUR/B-1L-Z SCO
1435360 PHOENIX-1435360 Datasheet
119Kb / 9P
Sensor/Actuator cable - SAC-3P-MR/ 3,0-PUR/B-1L-Z SCO
1435519 PHOENIX-1435519 Datasheet
117Kb / 9P
Sensor/Actuator cable - SAC-3P-MR/ 3,0-PUR/C-1L-Z SCO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com