| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX2039
|
363Kb / 16P |
High-Linearity, 1700MHz to 2200MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04 |
|
MAX9986
|
1Mb / 12P |
SiGe High-Linearity, 815MHz to 995MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 2/05 |
|
MAX2041
|
395Kb / 16P |
High-Linearity, 1700MHz to 3000MHz Upconversion / Downconversion Mixer with LO Buffer / Switch
Rev 0; 1/06 |
|
MAX9986A
|
348Kb / 12P |
SiGe High-Linearity, 815MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 1/06 |
|
MAX9984
|
493Kb / 15P |
SiGe High-Linearity, 400MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 4/05 |
|
MAX2029
|
411Kb / 16P |
High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/07 |
|
MAX2031
|
1Mb / 20P |
High-Linearity, 650MHz to 1000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch
Rev 1; 6/09 |
|
MAX2042
|
4Mb / 27P |
SiGe High-Linearity, 2000MHz to 3000MHz Upconversion/Downconversion Mixer with LO Buffer
Rev 0; 8/09 |
|
MAX2032
|
1Mb / 19P |
High-Linearity, 650MHz to 1000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch
Rev 0; 9/09 |
|
MAX2029ETP-T
|
417Kb / 16P |
High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/07 |