Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD11803 Datasheet (PDF) - Solitron Devices Inc.

SD11803 Datasheet PDF - Solitron Devices Inc.
Part # SD11803
Download  SD11803 Download
File Size   123.05 Kbytes
Page   3 Pages
Manufacturer  SOLITRON [Solitron Devices Inc.]
Direct Link  https://solitrondevices.com
Logo SOLITRON - Solitron Devices Inc.
Description 1200V 10A Silicon Carbide Schottky

SD11803 Datasheet (PDF)

Go To PDF Page Download Datasheet
SD11803 Datasheet PDF - Solitron Devices Inc.

Part # SD11803
Download  SD11803 Click to download

File Size   123.05 Kbytes
Page   3 Pages
Manufacturer  SOLITRON [Solitron Devices Inc.]
Direct Link  https://solitrondevices.com
Logo SOLITRON - Solitron Devices Inc.
Description 1200V 10A Silicon Carbide Schottky

SD11803 Datasheet (HTML) - Solitron Devices Inc.


SD11803 Product details

KEY FEATURES
NO REVERSE RECOVERY / NO FORWARD RECOVERY
NEAR ZERO SWITCH LOSS
SWITCHING BEHAVIOR INDEPENDENT OF TEMPERATURE
200°C OPERATING TEMPERATURE
ISOLATED CASE
HERMETIC PACKAGE
TX, TXV AND SPACE LEVEL SCREENING AVAILABLE

BENEFITS
PARALLEL DEVICES WITHOUT THERMAL RUNAWAY
HIGHER EFFECIENCY
SMALLER HEAT SINK
IDEAL FOR EXTREME ENVIRONMENT APPLICATIONS

APPLICATIONS
AEROSPACE
HIGH EFFICIENCY CONVERTERS & MOTOR DRIVES
POWER SUPPLIES




Similar Part No. - SD11803

ManufacturerPart #DatasheetDescription
logo
Solitron Devices Inc.
SD11800 SOLITRON-SD11800 Datasheet
111Kb / 3P
1200V Silicon Carbide Schottky Diode - 1
SD11801 SOLITRON-SD11801 Datasheet
110Kb / 3P
1200V Silicon Carbide Schottky Diode - 1
SD11806 SOLITRON-SD11806 Datasheet
1Mb / 3P
Dual 1200V Silicon Carbide Schottky
SD11807 SOLITRON-SD11807 Datasheet
1Mb / 3P
650V Silicon Carbide Schottky
SD11808 SOLITRON-SD11808 Datasheet
137Kb / 2P
1700V 10A Silicon Carbide Schottky
More results


Similar Description - SD11803

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR10C30 SSDI-SSR10C30 Datasheet
142Kb / 2P
10A / 300V Schottky Silicon Carbide
logo
Solitron Devices Inc.
SD11800 SOLITRON-SD11800 Datasheet
111Kb / 3P
1200V Silicon Carbide Schottky Diode - 1
SD11801 SOLITRON-SD11801 Datasheet
110Kb / 3P
1200V Silicon Carbide Schottky Diode - 1
SDD10120AD SOLITRON-SDD10120AD Datasheet
128Kb / 3P
Dual 1200V Silicon Carbide Schottky Diode - 1
logo
Shenzhen Meipusen Semic...
MS2H40120V1 MAPLESMI-MS2H40120V1 Datasheet
245Kb / 4P
1200V Silicon Carbide Diode
MSF10120V1 MAPLESMI-MSF10120V1 Datasheet
265Kb / 4P
1200V Silicon Carbide Diode
MSP05120V1 MAPLESMI-MSP05120V1 Datasheet
336Kb / 4P
1200V Silicon Carbide Diode
logo
Rectron Semiconductor
SC3S12010A RECTRON-SC3S12010A Datasheet
322Kb / 5P
1200V/10A Silicon Carbide Power Schottky Barrier Diode
SC3S12010B RECTRON-SC3S12010B Datasheet
572Kb / 5P
1200V/10A Silicon Carbide Power Schottky Barrier Diode
logo
First Silicon Co., Ltd
F2CD40120B FS-F2CD40120B Datasheet
431Kb / 5P
1200V Silicon Carbide
2022.05.25 Revision No : 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com