Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMF404 Datasheet (PDF) - Solitron Devices Inc.

SMF404 Datasheet PDF - Solitron Devices Inc.
Part # SMF404
Download  SMF404 Download
File Size   86.75 Kbytes
Page   3 Pages
Manufacturer  SOLITRON [Solitron Devices Inc.]
Direct Link  https://solitrondevices.com
Logo SOLITRON - Solitron Devices Inc.
Description 1000V N-Channel Power

SMF404 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMF404 Datasheet PDF - Solitron Devices Inc.

Part # SMF404
Download  SMF404 Click to download

File Size   86.75 Kbytes
Page   3 Pages
Manufacturer  SOLITRON [Solitron Devices Inc.]
Direct Link  https://solitrondevices.com
Logo SOLITRON - Solitron Devices Inc.
Description 1000V N-Channel Power

SMF404 Datasheet (HTML) - Solitron Devices Inc.


SMF404 Product details

KEY FEATURES
I 15A
RDS(on) 760mΩ
FAST RECOVERY DIODE
AVALANCHE RATED
TO-258 HERMETIC PACKAGE
BACKSIDE ISOLATION
JANTX, JANTXV SCREENING AVAILABLE




Similar Part No. - SMF404

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
SMF40 JUXING-SMF40 Datasheet
756Kb / 4P
Glass Passivated TVS
logo
Microdiode Semiconducto...
SMF40(C)A CHENDA-SMF40(C)A Datasheet
579Kb / 3P
TRANSIENT VOLTAGE SUPPRESSOR
SMF400A CHENDA-SMF400A Datasheet
1,012Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Dongguan City Niuhang E...
SMF400A NIUHANG-SMF400A Datasheet
471Kb / 6P
TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
DAESAN ELECTRONIC CORP.
SMF400A DAESAN-SMF400A Datasheet
332Kb / 3P
TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - SMF404

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD2N100 FAIRCHILD-FQD2N100 Datasheet
622Kb / 9P
1000V N-Channel MOSFET
FQA8N100C FAIRCHILD-FQA8N100C Datasheet
693Kb / 8P
1000V N-Channel MOSFET
logo
International Rectifier
IRFMG40 IRF-IRFMG40 Datasheet
474Kb / 7P
POWER MOSFET THRU-HOLE 1000V, N-CHANNEL
logo
Fairchild Semiconductor
FQH8N100C FAIRCHILD-FQH8N100C Datasheet
998Kb / 8P
1000V N-Channel MOSFET
logo
Unisonic Technologies
9N100 UTC-9N100 Datasheet
184Kb / 5P
9A, 1000V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FQD2N100TM FAIRCHILD-FQD2N100TM Datasheet
736Kb / 9P
1000V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOD2N100 AOSMD-AOD2N100 Datasheet
2Mb / 6P
1000V,2A N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD2N100 KERSEMI-KSMD2N100 Datasheet
1Mb / 8P
1000V N-Channel MOSFET
KSMU2N100 KERSEMI-KSMU2N100 Datasheet
1Mb / 8P
1000V N-Channel MOSFET
logo
Unisonic Technologies
4N100-FC UTC-4N100-FC Datasheet
621Kb / 9P
4.0A, 1000V N-CHANNEL POWER MOSFET
2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com