Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFGHL40T65SPD Datasheet (PDF) - ON Semiconductor

AFGHL40T65SPD Datasheet PDF - ON Semiconductor
Part # AFGHL40T65SPD
Download  AFGHL40T65SPD Download
File Size   455.16 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Field Stop Trench IGBT 40 A, 650 V

AFGHL40T65SPD Datasheet (PDF)

Go To PDF Page Download Datasheet
AFGHL40T65SPD Datasheet PDF - ON Semiconductor

Part # AFGHL40T65SPD
Download  AFGHL40T65SPD Click to download

File Size   455.16 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Field Stop Trench IGBT 40 A, 650 V

AFGHL40T65SPD Datasheet (HTML) - ON Semiconductor


AFGHL40T65SPD Product details

Description
Using the novel field stop 3rd generation IGBT technology,
AFGHL40T65SPD offers the optimum performance with both low
conduction loss and switching loss for a high efficiency operation in
various applications, which provides 50 V higher blocking voltage
and rugged high current switching reliability.
Meanwhile, this part also offers and advantage of outstanding
performance in parallel operation.
Features
 AEC−Q101 Qualified
 Low Saturation Voltage: VCE(Sat) = 1.85 V (Typ.) @ IC = 40 A
 100% Of The Part Are Dynamically Tested (Note 1)
 Short Circuit Ruggedness > 5 S @ 25C
 Maximum Junction Temperature: TJ = 175C
 Fast Switching
 Tight Parameter Distribution
 Positive Temperature Co−efficient for Easy Parallel Operating
 Co−Packed With Soft And Fast Recovery Diode
Typical Applications
 On−board Charger
 Air Conditioner Compressor
 PTC Heater
 Motor Drivers
 Other Automotive Power−Train Applications




Similar Part No. - AFGHL40T65SPD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AFGHL40T65SPD ONSEMI-AFGHL40T65SPD Datasheet
407Kb / 10P
Field Stop Trench IGBT
September, 2020 ??Rev. 5
More results


Similar Description - AFGHL40T65SPD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH40T65UPD FAIRCHILD-FGH40T65UPD Datasheet
308Kb / 10P
650 V, 40 A Field Stop Trench IGBT
logo
ON Semiconductor
FGH40T65SQD ONSEMI-FGH40T65SQD Datasheet
937Kb / 11P
650 V, 40 A Field Stop Trench IGBT
June 2017 Rev. 1.0
AFGHL40T65SQ ONSEMI-AFGHL40T65SQ Datasheet
255Kb / 8P
Field Stop Trench IGBT 40A, 650V
January, 2020 ??Rev. 1
AFGHL40T65SQD ONSEMI-AFGHL40T65SQD Datasheet
268Kb / 9P
Field Stop Trench IGBT 40A, 650V
June, 2020 ??Rev. 2
FGAF40S65AQ ONSEMI-FGAF40S65AQ Datasheet
491Kb / 10P
Field Stop Trench IGBT 650 V, 40 A
May, 2021 ??Rev. 3
FGH40T65SH ONSEMI-FGH40T65SH Datasheet
480Kb / 8P
IGBT - Field Stop, Trench 650 V, 40 A
December, 2020 - Rev. 3
FGH40T65SHD ONSEMI-FGH40T65SHD Datasheet
1Mb / 9P
IGBT - Field Stop, Trench 650 V, 40 A
April, 2020 ??Rev. 3
FGH40T65SPD ONSEMI-FGH40T65SPD Datasheet
585Kb / 9P
IGBT - Field Stop, Trench 650 V, 40 A
November, 2020 ??Rev. 4
FGHL40S65UQ ONSEMI-FGHL40S65UQ Datasheet
311Kb / 10P
Field Stop Trench IGBT 40 A, 650 V
May, 2019 ??Rev. P0
FGH40T65SHDF ONSEMI-FGH40T65SHDF Datasheet
503Kb / 9P
IGBT - Field Stop, Trench 650 V, 40 A
November, 2020 ??Rev. 4
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com