Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T6N100CA Datasheet (PDF) - Vishay Siliconix

T6N100CA Datasheet PDF - Vishay Siliconix
Part # T6N100CA
Download  T6N100CA Download
File Size   182.31 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface-Mount PAR® Transient Voltage Suppressors

T6N100CA Datasheet (PDF)

Go To PDF Page Download Datasheet
T6N100CA Datasheet PDF - Vishay Siliconix

Part # T6N100CA
Download  T6N100CA Click to download

File Size   182.31 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface-Mount PAR® Transient Voltage Suppressors

T6N100CA Datasheet (HTML) - Vishay Siliconix


T6N100CA Product details

FEATURES
• Low-profile package - typical height of 0.88 mm
• Leadless DFN package with side-wettable
flanks suitable for customer AOI (Automatic
Optical Inspection)
• Ideal for automated placement
• Junction passivation optimized design
passivated anisotropic rectifier technology
• TJ = 185 °C capability suitable for high reliability and
automotive requirement
• Bidirectional
• Excellent clamping capability
• Peak pulse power: 600 W (10/1000 μs)
• Meets MSL level 1, per J-STD-020, LF maximum peak
of 260 °C
• AEC-Q101 qualified
- Automotive ordering code: base P/NHM3
• Compatible to SMP (DO-220AA) package case outline
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
Use in sensitive electronics protection against voltage
transients induced by inductive load switching and lightning
on ICs, MOSFET, signal lines of sensor units for automotive.

MECHANICAL DATA
Case: DFN3820A
Molding compound meets UL 94 V-0 flammability rating
Base P/NHM3 - halogen-free, RoHS-compliant, and
AEC-Q101 qualified
Terminals: matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
HM3 suffix meets JESD 201 class 2 whisker test




Similar Part No. - T6N100CA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T6N100CA VISHAY-T6N100CA Datasheet
182Kb / 6P
Surface-Mount PAR® Transient Voltage Suppressors
Revision: 17-Oct-2023
T6N100CA VISHAY-T6N100CA Datasheet
182Kb / 6P
Surface-Mount PAR® Transient Voltage Suppressors
17-Oct-2023
T6N100CA VISHAY-T6N100CA Datasheet
182Kb / 6P
Surface-Mount PAR® Transient Voltage Suppressors
17-Oct-2023
T6N100CA VISHAY-T6N100CA Datasheet
182Kb / 6P
Surface-Mount PAR® Transient Voltage Suppressors
17-Oct-2023
T6N100CA VISHAY-T6N100CA Datasheet
182Kb / 6P
Surface-Mount PAR® Transient Voltage Suppressors
17-Oct-2023
More results


Similar Description - T6N100CA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
3KASMC13AHE3-57T VISHAY-3KASMC13AHE3-57T Datasheet
93Kb / 5P
Surface Mount PAR® Transient Voltage Suppressors
14-Dec-12
SM5S24AHE3-2D VISHAY-SM5S24AHE3-2D Datasheet
87Kb / 5P
Surface Mount PAR® Transient Voltage Suppressors
14-Sep-11
TPSMB30AHE3-5BT VISHAY-TPSMB30AHE3-5BT Datasheet
90Kb / 5P
Surface Mount PAR® Transient Voltage Suppressors
05-Oct-12
SM8S10AT VISHAY-SM8S10AT Datasheet
99Kb / 5P
Surface Mount PAR® Transient Voltage Suppressors
20-Mar-15
SM8A27T VISHAY-SM8A27T Datasheet
96Kb / 5P
Surface Mount PAR® Transient Voltage Suppressors
24-Mar-15
SM8S10AT VISHAY-SM8S10AT_V01 Datasheet
123Kb / 5P
Surface Mount PAR® Transient Voltage Suppressors
26-Oct-2021
TA6F51A VISHAY-TA6F51A Datasheet
112Kb / 5P
Surface-Mount PAR® Transient Voltage Suppressors
16-Apr-2020
TPC36CA VISHAY-TPC36CA_V01 Datasheet
92Kb / 5P
Surface Mount PAR® Transient Voltage Suppressors
17-Sep-2021
TPSMA43A VISHAY-TPSMA43A_V01 Datasheet
96Kb / 5P
Surface-Mount PAR® Transient Voltage Suppressors
19-Apr-2021
TPSMB43A VISHAY-TPSMB43A_V01 Datasheet
99Kb / 5P
Surface-Mount PAR® Transient Voltage Suppressors
19-Apr-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com