Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1309H Datasheet (PDF) - NXP Semiconductors

TDA1309H Datasheet PDF - NXP Semiconductors
Part # TDA1309H
Download  TDA1309H Download
File Size   180.78 Kbytes
Page   24 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low-voltage low-power stereo bitstream ADC/DAC

TDA1309H Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA1309H Datasheet PDF - NXP Semiconductors

Part # TDA1309H
Download  TDA1309H Click to download

File Size   180.78 Kbytes
Page   24 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low-voltage low-power stereo bitstream ADC/DAC

TDA1309H Datasheet (HTML) - NXP Semiconductors


TDA1309H Product details

GENERAL DESCRIPTION
The TDA1309H is a single chip stereo analog-to-digital and digital-to-analog converter employing bitstream conversion techniques. The low voltage requirement makes the device eminently suitable for use in low-voltage low-power portable digital audio equipment which incorporates recording and playback functions.

FEATURES
• Low power
• Low supply voltage (2.7 V)
• Integrated high-pass filter to cancel DC offset (ADC)
• Analog loop-through function
• Multiple digital input/output formats possible
• 256fs system clock frequency
• Several power-down modes
• Digital de-emphasis (DAC)
• Overload detector to enable automatic recording level adjustment (ADC)
• Input pads suitable for 5.5 V; low supply voltage interfacing
• High dynamic range
• DAC requires only one capacitor for post-filtering
• Small 44-pin quad flat pack with 0.8 mm pitch
• 256fs system clock frequency in Analog-to-Digital (AD) and Digital-to-Analog (DA) mode
• Choice of three system clock frequencies (192fs, 256fs or 384fs) in DA mode.

APPLICATION
• Portable digital audio equipment.




Similar Part No. - TDA1309H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1300 PHILIPS-TDA1300 Datasheet
136Kb / 20P
Photodetector amplifiers and laser supplies
1997 Jul 15
TDA1300T PHILIPS-TDA1300T Datasheet
136Kb / 20P
Photodetector amplifiers and laser supplies
1997 Jul 15
TDA1300TT PHILIPS-TDA1300TT Datasheet
136Kb / 20P
Photodetector amplifiers and laser supplies
1997 Jul 15
TDA1301 PHILIPS-TDA1301 Datasheet
235Kb / 14P
Digital servo processor DSIC2
March 1994
TDA1301T PHILIPS-TDA1301T Datasheet
235Kb / 14P
Digital servo processor DSIC2
March 1994
More results


Similar Description - TDA1309H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1309H PHILIPS-UDA1309H Datasheet
150Kb / 24P
Low-power stereo bitstream ADC/DAC
1998 Jan 06
UDA1324TS PHILIPS-UDA1324TS Datasheet
107Kb / 20P
Ultra low-voltage stereo filter DAC
2000 Jan 20
UDA1360TS PHILIPS-UDA1360TS Datasheet
84Kb / 16P
Low-voltage low-power stereo audio ADC
2000 Feb 08
logo
Asahi Kasei Microsystem...
AK4522 AKM-AK4522 Datasheet
134Kb / 18P
20BIT STEREO ADC & DAC
AK4523 AKM-AK4523 Datasheet
161Kb / 20P
20BIT STEREO ADC & DAC
logo
Cirrus Logic
CS43L42 CIRRUS-CS43L42 Datasheet
1Mb / 40P
Low Voltage,Stereo DAC With Headphone Amp
CS43L43 CIRRUS-CS43L43 Datasheet
973Kb / 36P
Low Voltage,Stereo DAC With Headphone Amp
logo
Wolfson Microelectronic...
WM8783 WOLFSON-WM8783 Datasheet
270Kb / 17P
Stereo Low Power 96kHz ADC
logo
Texas Instruments
TLV320ADC3101 TI1-TLV320ADC3101 Datasheet
1Mb / 92P
Low-Power Stereo ADC
logo
Suzhou Everest Semicond...
ES8288 EVEREST-ES8288 Datasheet
433Kb / 25P
Low Power Stereo Audio ADC
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com