Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8F6482 Datasheet (PDF) - Zilog, Inc.

Z8F6482 Datasheet PDF - Zilog, Inc.
Part # Z8F6482
Download  Z8F6482 Download
File Size   4943.59 Kbytes
Page   695 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description Z8 Encore! XP® F6482 Series Product Specification

Z8F6482 Datasheet (PDF)

Go To PDF Page Download Datasheet
Z8F6482 Datasheet PDF - Zilog, Inc.

Part # Z8F6482
Download  Z8F6482 Click to download

File Size   4943.59 Kbytes
Page   695 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description Z8 Encore! XP® F6482 Series Product Specification

Z8F6482 Datasheet (HTML) - Zilog, Inc.


Z8F6482 Product details

Features
Key features of the F6482 Series MCU include:
• 24 MHz eZ8 CPU core
• 16 KB, 32 KB, 60 KB or 64 KB Flash memory with in-circuit programming capability
• 2 KB or 3.75 KB internal RAM
• 128 B Non-Volatile Data Storage (NVDS)
• Up to 17-Channel, 12-bit Analog-to-Digital Converter (ADC) that can be configured
for internal or external voltage reference and single-ended or differential inputs
• 12-bit Digital-to-Analog Converter (DAC)
• Integrated LCD driver with blinking and contrast control for up to 96 segments
• 128-bit Advanced Encryption Standard (AES) encryption/decryption hardware accelerator according to FIPS PUB 197
• Real-Time Clock (RTC) supporting both Counter and Clock modes
• On-Chip Temperature Sensor
• Two on-chip analog comparators (32-pin and 64-pin with LCD packages contain only
one)
• Two on-chip, low-power operational amplifiers (32-pin and 64-pin with LCD packages
contain only one)
• 8 Channel Event System provides communication between peripherals for autonomous
triggering
• Full-Speed Universal Serial Bus (USB 2.0) device supporting eight endpoints with integrated USB-PHY (not available on 64-pin package with LCD)
• Two full-duplex 9-bit UART ports with the support of Local Interconnect Network
(LIN) and Digital Addressable Lighting Interface (DALI) protocols (32-pin and 64-pin
with LCD packages contain only one)
• RS-485 Multidrop Mode up to 250 kbit/sec (DMX Support) integrated with UARTs
• Two Enhanced Serial Peripheral Interface (SPI) controllers (32-pin and 44-pin packages contain only one)
• I
2
C controller which supports Master/Slave modes
• Four-channel DMA controller
• Three enhanced 16-bit timers with Capture, Compare, and PWM capability
• Two additional basic 16-bit timers with interrupt (shared as UART Baud Rate Generator)
• 16-bit Multi-Channel Timer which supports four Capture/Compare/PWM modules
(not available on 32-pin and 64-pin with LCD packages)
• Watchdog Timer (WDT)
• 26 to 67 General-Purpose Input/Output (GPIO) pins, depending upon package
• Up to 41 interrupt sources with up to 30 interrupt vectors
• On-Chip Debugger (OCD)
• Power-On Reset (POR) and Voltage Brown-Out (VBO) protection
• Built-in Low-Voltage Detection (LVD) with programmable voltage threshold
• Low Frequency Crystal Oscillator (LFXO) operating at 32.768 kHz with low power
consumption
• Internal clock sources and clock multiplication including: Internal Precision Oscillator
(IPO), Digitally Controlled Oscillator (DCO), Watchdog Timer Oscillator (WTO), Frequency Locked Loop (FLL) and Phase Locked Loop (PLL)
• High Frequency Crystal Oscillator (HFXO) operating in the 1–24 MHz range
• Wide operation voltage range: 1.8 V–3.6 V
• 32-, 44-, 64-, and 80-pin packages
• –40°C to +85°C (extended) operating temperature range




Similar Part No. - Z8F6482

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8F6482 ZILOG-Z8F6482 Datasheet
4Mb / 695P
Z8 Encore! XP® F6482 Series Product Specification
Z8F6482 ZILOG-Z8F6482 Datasheet
4Mb / 695P
Z8 Encore! XP® F6482 Series Product Specification
Z8F6482 ZILOG-Z8F6482 Datasheet
4Mb / 695P
Z8 Encore! XP® F6482 Series
Z8F6482 ZILOG-Z8F6482 Datasheet
4Mb / 695P
Z8 Encore! XP® F6482 Series
Z8F6482 ZILOG-Z8F6482 Datasheet
4Mb / 695P
Z8 Encore! XP® F6482 Series Product Specification
More results


Similar Description - Z8F6482

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8F041APB020SC ZILOG-Z8F041APB020SC Datasheet
3Mb / 276P
Z8 Encore XP-R 4K Series High-Performance 8-Bit Microcontrollers
Z8F082ASH020SC ZILOG-Z8F082ASH020SC Datasheet
2Mb / 244P
Z8 Encore XP-R F08xA Series with eXtended Peripherals
Z8F6421PM020SC ZILOG-Z8F6421PM020SC Datasheet
1Mb / 299P
High Performance 8-Bit Microcontrollers Z8 Encore-R 64K Series
Z8FMC16MCU ZILOG-Z8FMC16MCU Datasheet
337Kb / 14P
Z8 Encore-R Motor Control Series
Z8FMC16100 ZILOG-Z8FMC16100 Datasheet
4Mb / 402P
Z8 Encore-R Motor Control Flash MCUs
Z8ENCORE000ZAC ZILOG-Z8ENCORE000ZAC Datasheet
814Kb / 6P
The voltage and current requirements of the Z8 Encore
Z8F64200100KITG ZILOG-Z8F64200100KITG Datasheet
233Kb / 18P
Z8 Encore! XP Z8F642 Development Board
logo
Cree, Inc
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
XLamp® XP-G3 LEDs
REV 11
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01_V01 Datasheet
1Mb / 31P
XLamp® XP-C LEDs
2008-2021
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
Cree® XLamp® XP-E LEDs
2008-2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com