Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY21282 Datasheet (PDF) - Silergy Corp.

SY21282 Datasheet PDF - Silergy Corp.
Part # SY21282
Download  SY21282 Download
File Size   1377.07 Kbytes
Page   15 Pages
Manufacturer  SILERGY [Silergy Corp.]
Direct Link  http://www.silergy.com/
Logo SILERGY - Silergy Corp.
Description High Efficiency 1MHz, 16V, 6A Synchronous Step-Up Regulator with Accurate Output Current Limit

SY21282 Datasheet (PDF)

Go To PDF Page Download Datasheet
SY21282 Datasheet PDF - Silergy Corp.

Part # SY21282
Download  SY21282 Click to download

File Size   1377.07 Kbytes
Page   15 Pages
Manufacturer  SILERGY [Silergy Corp.]
Direct Link  http://www.silergy.com/
Logo SILERGY - Silergy Corp.
Description High Efficiency 1MHz, 16V, 6A Synchronous Step-Up Regulator with Accurate Output Current Limit

SY21282 Datasheet (HTML) - Silergy Corp.


SY21282 Product details

General Description
The SY21282 high efficiency synchronous step-up
regulator operates using adaptive constant off-time
and current mode control, and supports a wide
input voltage range from 3V to 9V. It integrates
switches with low RDS(ON) to minimize conduction
loss.
The SY21282 features cycle-by-cycle peak current
limit, output short-circuit protection, and true
shutdown. It also provides enable control and
power-good indicator for system power sequencing.
The 1MHz pseudo-constant frequency reduces the
output voltage ripple and permits smaller external
capacitors and inductor.
The SY21282 is available in a compact QFN3×3-
16 package

Features
● 3V to 9V Input Voltage Range
● 6A (Min.) Main MOSFET Current Limit
● 7 µA Shutdown Current (Max.)
● 600 µA Quiescent Current (Typ.)
● Programmable Output Current Limit
● Low RDS(ON) for Internal N-Channel
MOSFET: 80mΩ Main, 40mΩ Rectifier,
40mΩ Disconnection
● Synchronous Rectification for High
Efficiency
● Pseudoconstant 1MHz Frequency
● Enable Control
● Input Voltage UVLO
● Output Overvoltage Protection
● Overtemperature Protection
● Output Short-Circuit Protection
● Power-Good Indicator
● True Shutdown Function
● RoHS-Compliant and Halogen-Free
● Compact QFN3mm×3mm-16 Package

Applications
● Power Bank
● High Power Application
● SSD




Similar Part No. - SY21282

ManufacturerPart #DatasheetDescription
logo
Silergy Corp.
SY21173 SILERGY-SY21173 Datasheet
1Mb / 17P
High-Efficiency, 3A, 60V Input Asynchronous Buck Converter
Rev. 1.0
More results


Similar Description - SY21282

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1845 MAXIM-MAX1845 Datasheet
543Kb / 27P
Dual, High-Efficiency, Step-Down Controller with Accurate Current Limit
19-1955; Rev 2; 1/03
logo
E-CMOS Corporation
EC4513 E-CMOS-EC4513 Datasheet
1,017Kb / 15P
High Efficiency 1MHz, Step up Regulator
logo
Monolithic Power System...
MP1470H MPS-MP1470H Datasheet
807Kb / 19P
High-Efficiency, 2A, 16V, 1MHz Synchronous, Step-Down Converter
MPQ8623 MPS-MPQ8623 Datasheet
1Mb / 20P
16V, 6A, High Efficiency, Synchronous, Step-Down Converter with Adjustable Current Limit
logo
TECHCODE SEMICONDUCTOR,...
TD8208 TECHCODE-TD8208 Datasheet
1Mb / 13P
High Efficiency 1MHz, 2A Step Up Regulator
TD8228 TECHCODE-TD8228 Datasheet
822Kb / 13P
High Efficiency 1MHz, 2A Step Up Regulator
logo
ETA SOLUTIONS CO. LIMIT...
ETA1090 ETA-ETA1090 Datasheet
188Kb / 1P
1MHz High Output current High Efficiency Synchronous Step-Up Converter
ETA1092 ETA-ETA1092 Datasheet
176Kb / 1P
1MHz High Output current High Efficiency Synchronous Step-Up Converter
logo
ACE Technology Co., LTD...
ACE7125Y ACE-ACE7125Y Datasheet
197Kb / 3P
High Efficiency 1MHz, 2.1A Step Up Regulator
VER 1.1
logo
Monolithic Power System...
MPQ8626 MPS-MPQ8626 Datasheet
1Mb / 23P
16V, 6A, High Efficiency, Synchronous,Step-Down Converter with Adjustable Current Limit
Rev. 1.1 8/16/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com