Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTQ2527D Datasheet (PDF) - Richtek Technology Corporation

RTQ2527D Datasheet PDF - Richtek Technology Corporation
Part # RTQ2527D
Download  RTQ2527D Download
File Size   797.69 Kbytes
Page   22 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 3A Ultra-Low Dropout Voltage Regulators with Soft-Start

RTQ2527D Datasheet (PDF)

Go To PDF Page Download Datasheet
RTQ2527D Datasheet PDF - Richtek Technology Corporation

Part # RTQ2527D
Download  RTQ2527D Click to download

File Size   797.69 Kbytes
Page   22 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 3A Ultra-Low Dropout Voltage Regulators with Soft-Start

RTQ2527D Datasheet (HTML) - Richtek Technology Corporation


RTQ2527D Product details

1 General Description
The RTQ2527D is a very low-dropout linear regulator
which operates from input voltage as low as 0.8V. The
device is capable of supplying 3A of output current with
a typical dropout voltage of only 120mV. A VBIAS
supply is required to run the internal reference and
LDO circuitry while output current comes directly from
the VIN supply for high efficiency regulation. Userprogrammable soft-start limits the input inrush current
and minimizes stress on the input power. The enable
input and power good output allow easy sequencing
with external regulators. This complete flexibility
provides an easy-to-use robust power management
solution for a wide variety of applications.
The RTQ2527D is stable with output capacitor greater
than or equal to 2.2F. A precise reference and error
amplifier deliver 1% accuracy over load, line and
temperature. Overcurrent limit and over-temperature
protection are also included. The RTQ2527D is
available in the WDFN-10L 3x3 package.

2 Features
⚫ Ultra-low VIN Range: 0.8V to 5.5V
⚫ VBIAS Voltage Range: 2.7V to 5.5V
⚫ VOUT Voltage Range: 0.8V to 3.6V
⚫ Low Dropout: 120mV Typ. at 3A, VBIAS = 5V
⚫ 1% Accuracy Over Line/Load/ Temperature
⚫ PGOOD Indicator for Easy Sequence Control
⚫ Programmable Soft-Start Provides Linear
Voltage Startup
⚫ Stable with Any Output Capacitor  2.2F
⚫ Overcurrent and Over-Temperature Protection

3 Applications
⚫ PCs, Servers, Modems, and Set-Top-Boxes
⚫ FPGA Applications
⚫ DSP Core and I/O Voltages
⚫ Instrumentation
⚫ Post-Regulation Applications
⚫ Applications With Sequencing Requirements




Similar Part No. - RTQ2527D

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RTQ2521 RICHTEK-RTQ2521 Datasheet
469Kb / 17P
1.2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
May 2019
RTQ2521A RICHTEK-RTQ2521A Datasheet
520Kb / 17P
1.5A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
October 2019
RTQ2521AGQW RICHTEK-RTQ2521AGQW Datasheet
520Kb / 17P
1.5A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
October 2019
RTQ2521GQW RICHTEK-RTQ2521GQW Datasheet
469Kb / 17P
1.2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
May 2019
RTQ2522A RICHTEK-RTQ2522A Datasheet
262Kb / 16P
Ultra-Low Dropout Voltage LDO Regulators
More results


Similar Description - RTQ2527D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3963 NSC-LP3963 Datasheet
250Kb / 14P
3A Fast Ultra Low Dropout Linear Regulators
logo
Advanced Monolithic Sys...
AMS1503 ADMOS-AMS1503 Datasheet
76Kb / 9P
3A LOW DROPOUT VOLTAGE REGULATORS
logo
National Semiconductor ...
LP3873 NSC-LP3873 Datasheet
365Kb / 16P
3A Fast Ultra Low Dropout Linear Regulators
LP3963 NSC-LP3963_06 Datasheet
769Kb / 17P
3A Fast Ultra Low Dropout Linear Regulators
logo
Advanced Monolithic Sys...
AMS1503 ADMOS-AMS1503_05 Datasheet
178Kb / 9P
3A LOW DROPOUT VOLTAGE REGULATORS
logo
National Semiconductor ...
LP3873 NSC-LP3873_06 Datasheet
754Kb / 16P
3A Fast Ultra Low Dropout Linear Regulators
logo
Taiwan Semiconductor Co...
TS9230CSRLG TSC-TS9230CSRLG Datasheet
101Kb / 2P
3A Ultra Low Dropout Voltage Regulator Internal Soft-Start
logo
Texas Instruments
LP3873 TI-LP3873_15 Datasheet
2Mb / 24P
3A Fast Ultra Low Dropout Linear Regulators
LP3966 TI-LP3966_15 Datasheet
2Mb / 25P
3A Fast Ultra Low Dropout Linear Regulators
logo
Richtek Technology Corp...
RT9094A RICHTEK-RT9094A Datasheet
248Kb / 15P
2A Ultra-Low Dropout Voltage LDO Regulators with Soft-Start
January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com