Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1453342 Datasheet (PDF) - PHOENIX CONTACT

1453342 Datasheet PDF - PHOENIX CONTACT
Part # 1453342
Download  1453342 Download
File Size   497.55 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-2P-M 8MS/ 3,0-PUR/ZC-1L-S - Sensor/actuator cable

1453342 Datasheet (PDF)

Go To PDF Page Download Datasheet
1453342 Datasheet PDF - PHOENIX CONTACT

Part # 1453342
Download  1453342 Click to download

File Size   497.55 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-2P-M 8MS/ 3,0-PUR/ZC-1L-S - Sensor/actuator cable

1453342 Datasheet (HTML) - PHOENIX CONTACT


1453342 Product details

Sensor/actuator cable, 2-position, PUR, gray RAL 7001, Plug straight M8, on Valve connector
Festo ZC, with 1 LED, Wiring: Protective circuit and holding current reduction, cable length: 3 m

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Connecting cable specially for Festo KMYZ9 type valves




Similar Part No. - 1453342

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1453300 PHOENIX-1453300 Datasheet
527Kb / 16P
SAC-2P-MS/5,0-PUR/ZC-1L-S SCO - Sensor/actuator cable
1453313 PHOENIX-1453313 Datasheet
79Kb / 4P
Sensor/actuator cable - SAC-3P-M 8MS/ 0,3-PUR/KMYZ9
1453326 PHOENIX-1453326 Datasheet
92Kb / 6P
Sensor/actuator cable - SAC-3P-M 8MS/ 0,6-PUR/KMYZ9
1453339 PHOENIX-1453339 Datasheet
497Kb / 13P
SAC-2P-M 8MS/ 1,5-PUR/ZC-1L-S - Sensor/actuator cable
logo
raaco Great Britain Ltd
145336 RAACO-145336 Datasheet
8Mb / 148P
raaco Assortment Boxes
More results


Similar Description - 1453342

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1417701 PHOENIX-1417701 Datasheet
98Kb / 7P
Sensor/Actuator cable - SAC-3P-M 8MS/ 3,0-PUR/M 8SIFS
1669301 PHOENIX-1669301 Datasheet
70Kb / 5P
Sensor/Actuator cable - SAC-3P-M12MR/3,0-PUR/A-1L-S
1669385 PHOENIX-1669385 Datasheet
68Kb / 5P
Sensor/Actuator cable - SAC-3P-M12MR/3,0-PUR/B-1L-S
1669424 PHOENIX-1669424 Datasheet
68Kb / 4P
Sensor/Actuator cable - SAC-3P-M12MR/3,0-PUR/CI-1L-S
1669958 PHOENIX-1669958 Datasheet
89Kb / 5P
Sensor/Actuator cable - SAC-3P- 3,0-PUR/BI-1L-S F
1669987 PHOENIX-1669987 Datasheet
85Kb / 5P
Sensor/Actuator cable - SAC-3P- 3,0-PUR/C-1L-S F
1698220 PHOENIX-1698220 Datasheet
60Kb / 3P
Sensor/Actuator cable - SAC-3P- 3,0-PUR/A-1L-S 110V
1455298 PHOENIX-1455298 Datasheet
131Kb / 11P
Sensor/actuator cable - SAC-3P-M 8MS/ 3,0-PUR/M 8FS SH
09/11/2020
1529470 PHOENIX-1529470 Datasheet
88Kb / 5P
Sensor/actuator cable - SAC-3P-M 8MS/ 3,0-PUR/M 8MS
12/06/2018
1693403 PHOENIX-1693403 Datasheet
157Kb / 12P
Sensor/actuator cable - SAC-3P-M 8MS/ 3,0-PUR/M12FR-2L
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com