Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1439170 Datasheet (PDF) - PHOENIX CONTACT

1439170 Datasheet PDF - PHOENIX CONTACT
Part # 1439170
Download  1439170 Download
File Size   347.36 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FS 0,635/ 40-FV-F-6,0 - SMD female connectors

1439170 Datasheet (PDF)

Go To PDF Page Download Datasheet
1439170 Datasheet PDF - PHOENIX CONTACT

Part # 1439170
Download  1439170 Click to download

File Size   347.36 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FS 0,635/ 40-FV-F-6,0 - SMD female connectors

1439170 Datasheet (HTML) - PHOENIX CONTACT


1439170 Product details

SMD female connector, nominal current: 0.5 A, Test voltage: 500 V AC, number of positions: 40,
pitch: 0.635 mm, color: black, contact surface: Gold, contact connection type: Socket, mounting:
SMD soldering

Your advantages
• Design-in support during device development using MCAD/ECAD data and a free sample service
• Cost and space savings with the comprehensive portfolio available in various stack heights
• Easy mating with integrated keyways and tolerance compensation for error-free production
• Absorption of tolerances and mechanical stresses for a secure connection due to the floating function
• Unique combination: tolerance compensation through floating and very high data transmission possible in one connector




Similar Part No. - 1439170

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1439171 PHOENIX-1439171 Datasheet
346Kb / 9P
FS 0,635/ 60-FV-F-6,0 - SMD female connectors
1439174 PHOENIX-1439174 Datasheet
345Kb / 9P
FS 0,635/ 80-FV-F-6,0 - SMD female connectors
1439175 PHOENIX-1439175 Datasheet
83Kb / 4P
Sensor/Actuator cable - SAC-3P- 1,5-PVC/CI-1L-Z
More results


Similar Description - 1439170

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1714884 PHOENIX-1714884 Datasheet
116Kb / 7P
SMD female connectors - FP 1,27/ 32-FV 9,05
1714888 PHOENIX-1714888 Datasheet
111Kb / 7P
SMD female connectors - FP 1,27/ 68-FV 9,05
1714891 PHOENIX-1714891 Datasheet
110Kb / 7P
SMD female connectors - FP 1,27/ 12-FV 6,25
1714885 PHOENIX-1714885 Datasheet
98Kb / 6P
SMD female connectors - FP 1,27/ 40-FV 9,05
1714897 PHOENIX-1714897 Datasheet
97Kb / 6P
SMD female connectors - FP 1,27/ 40-FV 6,25
1154076 PHOENIX-1154076 Datasheet
379Kb / 10P
SMD female connectors - FP 0,8/ 32-FV 10,85
May 9, 2022
1374028 PHOENIX-1374028 Datasheet
370Kb / 9P
FR 1,27/ 16-FV 6,25 - SMD female connectors
1374037 PHOENIX-1374037 Datasheet
348Kb / 9P
FR 1,27/100-FV 6,25 - SMD female connectors
1374879 PHOENIX-1374879 Datasheet
364Kb / 9P
FR 1,27/ 32-FV 9,05 - SMD female connectors
1374880 PHOENIX-1374880 Datasheet
361Kb / 9P
FR 1,27/ 40-FV 9,05 - SMD female connectors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com