Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1276552 Datasheet (PDF) - PHOENIX CONTACT

1276552 Datasheet PDF - PHOENIX CONTACT
Part # 1276552
Download  1276552 Download
File Size   461.76 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-6P-M12FRM PE/.../... - Power cable

1276552 Datasheet (PDF)

Go To PDF Page Download Datasheet
1276552 Datasheet PDF - PHOENIX CONTACT

Part # 1276552
Download  1276552 Click to download

File Size   461.76 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-6P-M12FRM PE/.../... - Power cable

1276552 Datasheet (HTML) - PHOENIX CONTACT


1276552 Product details

Power cable, 6-position, free cable end, on Socket angled M12, coding: M, cable length: Free
input (0.2 ... 40.0 m), for AC current up to 8 A/690 V

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Protection against mismatching, thanks to special M-coding




Similar Part No. - 1276552

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1276550 PHOENIX-1276550 Datasheet
605Kb / 12P
SAC-6P-M12MSM-FRM PE/.../... - Power cable
1276553 PHOENIX-1276553 Datasheet
611Kb / 18P
SAC-6P-M12FSM PE/.../... - Power cable
1276554 PHOENIX-1276554 Datasheet
462Kb / 10P
SAC-6P-M12MRM PE/.../... - Power cable
1276555 PHOENIX-1276555 Datasheet
462Kb / 10P
SAC-6P-M12MSM PE/.../... - Power cable
1276556 PHOENIX-1276556 Datasheet
616Kb / 18P
SAC-4P-M12MRL-M12FRL/.../... - Power cable
More results


Similar Description - 1276552

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1407821 PHOENIX-1407821 Datasheet
63Kb / 4P
Master cable - SAC-6P-10,0-PURMC/M12FR
1425384 PHOENIX-1425384 Datasheet
68Kb / 4P
Power cable - SAC-3P- 1,5-PVC/M12FSS PE
1425625 PHOENIX-1425625 Datasheet
68Kb / 4P
Power cable - SAC-3P- 2,5-PVC/M12FSS PE
1414833 PHOENIX-1414833 Datasheet
149Kb / 9P
Power cable - SAC-5P-M12MRK/ 1,5-PUR PE
09/12/2020
1414835 PHOENIX-1414835 Datasheet
149Kb / 9P
Power cable - SAC-5P-M12MRK/ 1,5-PVC PE
09/12/2020
1415029 PHOENIX-1415029 Datasheet
136Kb / 10P
Sensor/actuator cable - SAC-6P-10,0-PUR/DTFS
09/11/2020
1522260 PHOENIX-1522260 Datasheet
161Kb / 13P
Sensor/actuator cable - SAC-6P- 5,0-PUR/M 8FR
09/11/2020
1428571 PHOENIX-1428571 Datasheet
362Kb / 9P
SAC-6P- 2,0-970/FS SCO - Bus system cable
1428584 PHOENIX-1428584 Datasheet
362Kb / 9P
SAC-6P- 5,0-970/FS SCO - Bus system cable
1428636 PHOENIX-1428636 Datasheet
365Kb / 9P
SAC-6P-10,0-970/FR SCO - Bus system cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com