Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPQC65R040CFD7A Datasheet (PDF) - Infineon Technologies AG

IPQC65R040CFD7A Datasheet PDF - Infineon Technologies AG
Part # IPQC65R040CFD7A
Download  IPQC65R040CFD7A Download
File Size   1529.21 Kbytes
Page   14 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET 650V CoolMOSª CFD7A SJ Power Device

IPQC65R040CFD7A Datasheet (PDF)

Go To PDF Page Download Datasheet
IPQC65R040CFD7A Datasheet PDF - Infineon Technologies AG

Part # IPQC65R040CFD7A
Download  IPQC65R040CFD7A Click to download

File Size   1529.21 Kbytes
Page   14 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET 650V CoolMOSª CFD7A SJ Power Device

IPQC65R040CFD7A Datasheet (HTML) - Infineon Technologies AG


IPQC65R040CFD7A Product details

Features
• Latest 650V automotive qualified technology with integrated fast body
diode on the market featuring ultra low Qrr
• Lowest FOM RDS(on)*Qg and RDS(on)*Eoss
• 100% avalanche tested
• Best-in-class RDS(on) in SMD and THD packages

Benefits
• Lower switching losses enabling higher switching frequencies
• High quality and reliability
• Advanced controllability due to kelvin source
• Increased efficiency in light load and full load conditions




Similar Part No. - IPQC65R040CFD7A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPQC65R017CFD7A INFINEON-IPQC65R017CFD7A Datasheet
1Mb / 14P
MOSFET 650V CoolMOSª CFD7A SJ Power Device
Rev. 2.0, 2022-12-02
More results


Similar Description - IPQC65R040CFD7A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB65R230CFD7A INFINEON-IPB65R230CFD7A Datasheet
1Mb / 14P
MOSFET 650V CoolMOS짧 CFD7A SJ Power Device
Rev.2.1,2020-03-31
IPW65R115CFD7A INFINEON-IPW65R115CFD7A Datasheet
1Mb / 14P
MOSFET 650V CoolMOS짧 CFD7A SJ Power Device
Rev.2.1,2020-03-31
IPB65R050CFD7A INFINEON-IPB65R050CFD7A Datasheet
1Mb / 14P
MOSFET 650V CoolMOS짧 CFD7A SJ Power Device
Rev.2.1,2020-03-31
IPB65R099CFD7A INFINEON-IPB65R099CFD7A Datasheet
1Mb / 14P
MOSFET 650V CoolMOS짧 CFD7A SJ Power Device
Rev.2.0,2020-03-25
IPBE65R099CFD7A INFINEON-IPBE65R099CFD7A Datasheet
1Mb / 14P
MOSFET 650V CoolMOS짧 CFD7A SJ Power Device
Rev.2.1,2020-04-02
IPW65R075CFD7A INFINEON-IPW65R075CFD7A Datasheet
1Mb / 14P
MOSFET 650V CoolMOS짧 CFD7A SJ Power Device
Rev.2.0,2020-03-25
IPBE65R145CFD7A INFINEON-IPBE65R145CFD7A Datasheet
1Mb / 14P
650V CoolMOSª CFD7A SJ Power Device
Rev. 2.1, 2021-11-24
IPP65R190CFD7A INFINEON-IPP65R190CFD7A Datasheet
1Mb / 14P
650V CoolMOSª CFD7A SJ Power Device
Rev. 2.1, 2021-11-22
IPW65R230CFD7A INFINEON-IPW65R230CFD7A Datasheet
1Mb / 14P
650V CoolMOSª CFD7A SJ Power Device
Rev. 2.2, 2021-11-29
IPWS65R075CFD7A INFINEON-IPWS65R075CFD7A Datasheet
1Mb / 14P
650V CoolMOSª CFD7A SJ Power Device
Rev. 2.1, 2021-11-18
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com