Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32MP135F-DK Datasheet (PDF) - STMicroelectronics

STM32MP135F-DK Datasheet PDF - STMicroelectronics
Part # STM32MP135F-DK
Download  STM32MP135F-DK Download
File Size   337.98 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Discovery kit with 1 GHz STM32MP135FA MPU

STM32MP135F-DK Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32MP135F-DK Datasheet PDF - STMicroelectronics

Part # STM32MP135F-DK
Download  STM32MP135F-DK Click to download

File Size   337.98 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Discovery kit with 1 GHz STM32MP135FA MPU

STM32MP135F-DK Datasheet (HTML) - STMicroelectronics


STM32MP135F-DK Product details

Features
• STM32MP135FAF7 MPU with an Arm® Cortex®‑A7 32-bit processor at 1 GHz,
in a TFBGA320 package
• ST PMIC STPMIC1
• 4-Gbit DDR3L, 16 bits, 533 MHz
• 4.3" 480×272 pixels LCD display module with capacitive touch panel and RGB
interface
• UXGA 2-megapixel CMOS camera module (included) with MIPI CSI-2® / SMIA
CCP2 deserializer
• Wi‑Fi® 802.11b/g/n
• Bluetooth® Low Energy 4.1
• Dual 10/100 Mbit/s Ethernet (RMII) compliant with IEEE-802.3u, one with
Wake on LAN (WoL) support
• USB Host 4-port hub
• USB Type-C® DRP based on an STM32G0 device
• 4 user LEDs
• 4 push-buttons (2× user, tamper, and reset)
• 1 wake-up button
• Board connectors:
– Dual-lane MIPI CSI-2® camera module expansion
– 2× Ethernet RJ45
– 4× USB Type-A
– USB Micro-B
– USB Type-C®
– microSD™ card holder
– GPIO expansion
– 5 V / 3 A USB Type-C® power supply input (charger not provided)
– VBAT for power backup
• On-board current measurement
• On-board STLINK-V3E debugger/programmer with USB re-enumeration
capability: mass storage, Virtual COM port, and debug port
• Full mainline open-source Linux® STM32 MPU OpenSTLinux Distribution
(such as STM32MP1Starter) software and examples
• Support of several Integrated Development Environments (IDEs) including
STM32CubeIDE
• Bare metal support for RTOS (Microsoft® Azure®)




Similar Part No. - STM32MP135F-DK

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32MP135FDK STMICROELECTRONICS-STM32MP135FDK Datasheet
3Mb / 11P
STM32MP expansion board for NFC card reader
21-Nov-2023
More results


Similar Description - STM32MP135F-DK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STM32F469 ETC2-STM32F469 Datasheet
267Kb / 4P
Discovery kit with STM32F469NI MCU
logo
STMicroelectronics
32F429IDISCOVERY STMICROELECTRONICS-32F429IDISCOVERY Datasheet
362Kb / 4P
Discovery kit with STM32F429ZI MCU
28-Oct-2016
32F723EDISCOVERY STMICROELECTRONICS-32F723EDISCOVERY Datasheet
315Kb / 4P
Discovery kit with STM32F723IE MCU
17-Jan-2017
32F746GDISCOVERY STMICROELECTRONICS-32F746GDISCOVERY Datasheet
332Kb / 4P
Discovery kit with STM32F746NG MCU
29-Jun-2015
32F769IDISCOVERY STMICROELECTRONICS-32F769IDISCOVERY Datasheet
433Kb / 5P
Discovery kit with STM32F769NI MCU
26-Aug-2016
UM2032 STMICROELECTRONICS-UM2032 Datasheet
1Mb / 48P
Discovery kit with STM32F412ZG MCU
08-Nov-2016
STM32L4P5G-DK STMICROELECTRONICS-STM32L4P5G-DK Datasheet
1Mb / 6P
Discovery kit with STM32L4P5AG MCU
Rev 1 - November 2019
STM32H735G-DK STMICROELECTRONICS-STM32H735G-DK Datasheet
3Mb / 6P
Discovery kit with STM32H735IG MCU
Rev 1 - April 2020
STM32H7B3I-DK STMICROELECTRONICS-STM32H7B3I-DK Datasheet
3Mb / 6P
Discovery kit with STM32H7B3LI MCU
December 2019
STM32L562E-DK STMICROELECTRONICS-STM32L562E-DK Datasheet
497Kb / 6P
Discovery kit with STM32L562QE MCU
March 2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com