Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MURA130 Datasheet (PDF) - ON Semiconductor

MURA130 Datasheet PDF - ON Semiconductor
Part # MURA130_V01
Download  MURA130 Download
File Size   182.23 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power Rectifier, Ultra-Fast Recovery, 1 A, 300-400 V

MURA130 Datasheet (PDF)

Go To PDF Page Download Datasheet
MURA130 Datasheet PDF - ON Semiconductor

Part # MURA130_V01
Download  MURA130 Click to download

File Size   182.23 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power Rectifier, Ultra-Fast Recovery, 1 A, 300-400 V

MURA130 Datasheet (HTML) - ON Semiconductor


MURA130 Product details

Ideally suited for high voltage, high frequency rectification, or as
free wheeling and protection diodes in surface mount applications
where compact size and weight are critical to the system.
Features
• Small Compact Surface Mountable Package with J−Bend Leads
• Rectangular Package for Automated Handling
• High Temperature Glass Passivated Junction
• Low Forward Voltage Drop (0.89 V Max @ 1.0 A, TJ = 150°C)
• NRVUA and SURA8 Prefixes for Automotive and Other
Applications Requiring Unique Site and Control Change
Requirements; AEC−Q101 Qualified and PPAP Capable*
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Mechanical Characteristics:
• Case: Epoxy, Molded
• Weight: 70 mg (Approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
• Lead and Mounting Surface Temperature for Soldering Purposes:
260°C Max. for 10 Seconds
• Polarity: Polarity Band Indicates Cathode Lead
• ESD Protection:
♦ Human Body Model > 4000 V (Class 3)
♦ Charged Device Model > 1000 V (Class C5)




Similar Part No. - MURA130_V01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MURA130T3 ONSEMI-MURA130T3 Datasheet
39Kb / 4P
Surface Mount Ultrafast Power Rectifiers
January, 2003 - Rev. 3
MURA130T3 ONSEMI-MURA130T3 Datasheet
48Kb / 4P
Surface Mount Ultrafast Power Rectifiers
February, 2006 ??Rev. 4
MURA130T3G ONSEMI-MURA130T3G Datasheet
48Kb / 4P
Surface Mount Ultrafast Power Rectifiers
February, 2006 ??Rev. 4
MURA130T3G ONSEMI-MURA130T3G Datasheet
129Kb / 5P
Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 5
MURA130T3G ONSEMI-MURA130T3G Datasheet
56Kb / 5P
Surface Mount Ultrafast Power Rectifiers
October, 2016 ??Rev. 6
More results


Similar Description - MURA130_V01

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFA15U120DN FAIRCHILD-FFA15U120DN Datasheet
75Kb / 4P
ULTRA FAST RECOVERY POWER RECTIFIER
FFA20U20DN FAIRCHILD-FFA20U20DN Datasheet
73Kb / 4P
ULTRA FAST RECOVERY POWER RECTIFIER
FFAF10U120DN FAIRCHILD-FFAF10U120DN Datasheet
77Kb / 4P
ULTRA FAST RECOVERY POWER RECTIFIER
logo
List of Unclassifed Man...
SDR504 ETC-SDR504 Datasheet
324Kb / 6P
ULTRA FAST RECOVERY RECTIFIER 400-1000 VOLTS
logo
Solid States Devices, I...
SPD3889 SSDI-SPD3889 Datasheet
163Kb / 2P
12 A, 120 nsec, 50-400 V Fast Recovery Rectifier
logo
Micro Commercial Compon...
BA157 MCC-BA157 Datasheet
371Kb / 3P
1 Amp Fast Recovery Rectifier 400~1000 Volts
logo
Nexperia B.V. All right...
PNS40010ER NEXPERIA-PNS40010ER Datasheet
252Kb / 14P
400 V, 1 A high power density, standard switching time recovery rectifier
logo
STMicroelectronics
STTH60400HR STMICROELECTRONICS-STTH60400HR Datasheet
250Kb / 11P
Rad-Hard 60 A - 400 V fast recovery rectifier
03-Jun-2020
logo
ON Semiconductor
MURS105 ONSEMI-MURS105 Datasheet
195Kb / 6P
Power Rectifier, Ultra-Fast Recovery, 1 A, 50-600 V
August, 2023 - Rev. 18
MURS230 ONSEMI-MURS230 Datasheet
131Kb / 6P
Power Rectifier, Ultra-Fast Recovery, 2 A, 300-400 V
April, 2023 - Rev. 10
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com