Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MURA260T3 Datasheet (PDF) - ON Semiconductor

MURA260T3 Datasheet PDF - ON Semiconductor
Part # MURA260T3
Download  MURA260T3 Download
File Size   181.88 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power Rectifier, Ultra-Fast Recovery

MURA260T3 Datasheet (PDF)

Go To PDF Page Download Datasheet
MURA260T3 Datasheet PDF - ON Semiconductor

Part # MURA260T3
Download  MURA260T3 Click to download

File Size   181.88 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power Rectifier, Ultra-Fast Recovery

MURA260T3 Datasheet (HTML) - ON Semiconductor


MURA260T3 Product details

Ideally suited for high voltage, high frequency rectification, or as
free wheeling and protection diodes in surface mount applications
where compact size and weight are critical to the system.
Features
• Small Compact Surface Mountable Package with J−Bend Leads
• Rectangular Package for Automated Handling
• High Temperature Glass Passivated Junction
• Low Forward Voltage Drop (1.2 V Max @ 2.0 A, TJ = 150°C)
• SURA8 Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable*
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Mechanical Characteristics:
• Case: Epoxy, Molded
• Weight: 70 mg (Approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
• Lead and Mounting Surface Temperature for Soldering Purposes:
260°C Max. for 10 Seconds
• Polarity: Polarity Band Indicates Cathode Lead
• ESD Protection:
♦ Human Body Model > 4000 V (Class 3)
♦ Charged Device Model > 1000 V




Similar Part No. - MURA260T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MURA260T3 ONSEMI-MURA260T3 Datasheet
48Kb / 4P
Surface Mount Ultrafast Power Rectifier
February, 2006 ??Rev. 3
MURA260T3G ONSEMI-MURA260T3G Datasheet
48Kb / 4P
Surface Mount Ultrafast Power Rectifier
February, 2006 ??Rev. 3
MURA260T3G ONSEMI-MURA260T3G Datasheet
129Kb / 5P
Surface Mount Ultrafast Power Rectifier
January, 2012 ??Rev. 4
MURA260T3G ONSEMI-MURA260T3G_12 Datasheet
129Kb / 5P
Surface Mount Ultrafast Power Rectifier
January, 2012 ??Rev. 4
More results


Similar Description - MURA260T3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFA15U120DN FAIRCHILD-FFA15U120DN Datasheet
75Kb / 4P
ULTRA FAST RECOVERY POWER RECTIFIER
FFA20U20DN FAIRCHILD-FFA20U20DN Datasheet
73Kb / 4P
ULTRA FAST RECOVERY POWER RECTIFIER
FFAF10U120DN FAIRCHILD-FFAF10U120DN Datasheet
77Kb / 4P
ULTRA FAST RECOVERY POWER RECTIFIER
FFAF15U20DN FAIRCHILD-FFAF15U20DN Datasheet
75Kb / 4P
ULTRA FAST RECOVERY POWER RECTIFIER
FFAF20U20DN FAIRCHILD-FFAF20U20DN Datasheet
76Kb / 4P
ULTRA FAST RECOVERY POWER RECTIFIER
FFAF20U60DN FAIRCHILD-FFAF20U60DN Datasheet
112Kb / 4P
ULTRA FAST RECOVERY POWER RECTIFIER
FFB20U20S FAIRCHILD-FFB20U20S Datasheet
111Kb / 4P
ULTRA FAST RECOVERY POWER RECTIFIER
FFB20U60S FAIRCHILD-FFB20U60S Datasheet
111Kb / 4P
ULTRA FAST RECOVERY POWER RECTIFIER
FFL20U120DN FAIRCHILD-FFL20U120DN Datasheet
80Kb / 4P
ULTRA FAST RECOVERY POWER RECTIFIER
FFPF04U40DP FAIRCHILD-FFPF04U40DP Datasheet
77Kb / 4P
ULTRA FAST RECOVERY POWER RECTIFIER
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com