Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS-4N Datasheet (PDF) - Sumida Corporation

CS-4N Datasheet PDF - Sumida Corporation
Part # CS-4N
Download  CS-4N Download

File Size   41.52 Kbytes
Page   2 Pages
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation
Description RF COILS < SMD Type: CS-4 Series>

CS-4N Datasheet (PDF)

Go To PDF Page Download Datasheet
CS-4N Datasheet PDF - Sumida Corporation

Part # CS-4N
Download  CS-4N Click to download

File Size   41.52 Kbytes
Page   2 Pages
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation
Description RF COILS < SMD Type: CS-4 Series>

CS-4N Datasheet (HTML) - Sumida Corporation

CS-4N Datasheet HTML 1Page - Sumida Corporation CS-4N Datasheet HTML 2Page - Sumida Corporation

CS-4N Product details

RF COILS < SMD Type: CS-4 Series>

◆ Product Description
◾ 5.2× 5.1mm Max.(L× W), 4.5mm Max. Height. (CS-4)
◾ 5.4× 5.2mm Max.(L× W), 4.5mm Max. Height. (CS-4N)
◾ Inductance: 1.0μ H Max.
◾ Operating frequency:300MHz Max.
◾ In addition to the reference versions of parameters shown here,custom designs are available to meet your exact requirements

◆ Feature
◾ Variable type.
◾ Both shielded(CS-4) and unshielded(CS-4N) types are available.
◾ RoHS Compliance




Similar Part No. - CS-4N

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CS-4 COPAL-CS-4 Datasheet
830Kb / 7P
   ROTARY SELECTOR SWITCHES (SMD)
CS-4-12NA COPAL-CS-4-12NA Datasheet
830Kb / 7P
   ROTARY SELECTOR SWITCHES (SMD)
CS-4-12NB COPAL-CS-4-12NB Datasheet
830Kb / 7P
   ROTARY SELECTOR SWITCHES (SMD)
CS-4-12NC COPAL-CS-4-12NC Datasheet
830Kb / 7P
   ROTARY SELECTOR SWITCHES (SMD)
CS-4-12NTA COPAL-CS-4-12NTA Datasheet
830Kb / 7P
   ROTARY SELECTOR SWITCHES (SMD)
More results


Similar Description - CS-4N

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CS54 SUMIDA-CS54 Datasheet
33Kb / 1P
   RF COILS < SMD Type: CS Series>
CS55 SUMIDA-CS55 Datasheet
41Kb / 2P
   RF COILS < SMD Type: CS Series>
CS-5LN SUMIDA-CS-5LN Datasheet
38Kb / 1P
   RF COILS < SMD Type: CS Series>
CS-5F SUMIDA-CS-5F Datasheet
30Kb / 1P
   RF COILS < SMD Type: CS Series>
CS53 SUMIDA-CS53 Datasheet
155Kb / 2P
   RF COILS < SMD Type: CS Series>
CFE654 SUMIDA-CFE654 Datasheet
126Kb / 1P
   RF Coils < SMD Type: CFE Series>
S-4N SUMIDA-S-4N Datasheet
153Kb / 2P
   RF COILS < Pin Type: S-4 Series>
CY-4 SUMIDA-CY-4 Datasheet
88Kb / 2P
   Filter Coils < SMD Type: CY Series>
CFB3-6 SUMIDA-CFB3-6 Datasheet
152Kb / 2P
   Filter Coils< SMD Type: CFB Series>
CPG54 SUMIDA-CPG54 Datasheet
34Kb / 1P
   IFT COILS < SMD Type: CPG Series>
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com