Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD3551R Datasheet (PDF) - Analog Devices

AD3551R Datasheet PDF - Analog Devices
Part # AD3551R
Download  AD3551R Download
File Size   3460.92 Kbytes
Page   59 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single Channel, 16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC

AD3551R Datasheet (PDF)

Go To PDF Page Download Datasheet
AD3551R Datasheet PDF - Analog Devices

Part # AD3551R
Download  AD3551R Click to download

File Size   3460.92 Kbytes
Page   59 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single Channel, 16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC

AD3551R Datasheet (HTML) - Analog Devices


AD3551R Product details

FEATURES
► 16-bit resolution
► 33 MUPS rate in fast mode
► 22 MUPS rate in precision mode
► 65 ns small signal settling time to 0.1% accuracy
► 100 ns large signal settling time to 0.1% accuracy
► Ultra small glitch: < 50 pV×s
► Ultra low latency: 5 ns
► THD: −105 dB at 1 kHz
► Highly configurable output voltage span and offset
► 1.2 V and 1.8 V logic level compatible
► Single (classic), dual, and quad SPI modes
► Multiple error detectors, both analog and digital domains
► 2.5 V internal voltage reference, 10 ppm/°C maximum temperature
coefficient
► 5 mm × 5 mm LFCSP
APPLICATIONS
► Instrumentation
► Hardware in the loop
► Process control equipment
► Medical devices
► Automated test equipment
► Data acquisition system
► Programmable voltage sources
► Optical communications




Similar Part No. - AD3551R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD3551R AD-AD3551R Datasheet
3Mb / 60P
16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
Rev. 0
AD3551R AD-AD3551R Datasheet
3Mb / 59P
Single Channel, 12-/16-Bit, 16 MUPS, Multispan, Multi-IO SPI DAC
Rev. A
AD3551R AD-AD3551R Datasheet
4Mb / 66P
Dual Channel, 12-/16-Bit, 16 MUPS, Multispan, Multi-IO SPI DAC
Rev. C
AD3551RBCPZ16 AD-AD3551RBCPZ16 Datasheet
3Mb / 60P
16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
Rev. 0
AD3551RBCPZ16-RL7 AD-AD3551RBCPZ16-RL7 Datasheet
3Mb / 60P
16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
Rev. 0
More results


Similar Description - AD3551R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5420 AD-AD5420 Datasheet
276Kb / 29P
Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrD
AD5410 AD-AD5410_08 Datasheet
291Kb / 30P
Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrE
logo
Texas Instruments
DAC161S997 TI-DAC161S997 Datasheet
1Mb / 27P
16-bit SPI Programmable DAC for 4-20mA Loops
DAC161P997-DIE TI-DAC161P997-DIE_15 Datasheet
103Kb / 5P
Single-Wire 16-Bit DAC
logo
Analog Devices
AD5758 AD-AD5758 Datasheet
2Mb / 72P
Single-Channel, 16-Bit Current and Voltage Output DAC
5/2018-Revision 0
AD5753 AD-AD5753 Datasheet
2Mb / 72P
Single-Channel, 16-Bit Current and Voltage DAC
5/2019-Revision 0
AD3551R AD-AD3551R Datasheet
3Mb / 60P
16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
Rev. 0
AD3552R AD-AD3552R Datasheet
3Mb / 68P
16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
Rev. A
AD3542R AD-AD3542R Datasheet
3Mb / 65P
Dual Channel, 16-Bit, 16 MUPS, Multispan, Multi-IO SPI DAC
Rev. 0
AD3541R AD-AD3541R Datasheet
3Mb / 56P
Single Channel, 16-Bit, 16 MUPS, Multispan, Multi-IO SPI DAC
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com