Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6372 Datasheet (PDF) - VBsemi Electronics Co.,Ltd

L6372 Datasheet PDF - VBsemi Electronics Co.,Ltd
Part # L6372
Download  L6372 Download
File Size   245.89 Kbytes
Page   9 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description Dual N-Channel 30 V (D-S) MOSFET

L6372 Datasheet (PDF)

Go To PDF Page Download Datasheet
L6372 Datasheet PDF - VBsemi Electronics Co.,Ltd

Part # L6372
Download  L6372 Click to download

File Size   245.89 Kbytes
Page   9 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description Dual N-Channel 30 V (D-S) MOSFET

L6372 Datasheet (HTML) - VBsemi Electronics Co.,Ltd


L6372 Product details

FEATURES
• TrenchFETPower MOSFET
• 100 % Rg Tested
• 100 % UIS Tested
• Compliant to RoHS Directive 2002/95/EC

APPLICATIONS
• Notebook System Power
• Low Current DC/DC




Similar Part No. - L6372

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6370 STMICROELECTRONICS-L6370 Datasheet
93Kb / 10P
2.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Mar-1997
L6370 STMICROELECTRONICS-L6370 Datasheet
237Kb / 19P
2.5A high-side driver industrial intelligent power switch
19-Jun-2007
L6370D STMICROELECTRONICS-L6370D Datasheet
93Kb / 10P
2.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Mar-1997
L6370D013TR STMICROELECTRONICS-L6370D013TR Datasheet
237Kb / 19P
2.5A high-side driver industrial intelligent power switch
19-Jun-2007
L6370L STMICROELECTRONICS-L6370L Datasheet
93Kb / 10P
2.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Mar-1997
More results


Similar Description - L6372

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
Dual N-Channel 30-V (D-S) MOSFET
13-Oct-03
SI4828DY VISHAY-SI4828DY Datasheet
83Kb / 7P
Dual N-Channel 30-V (D-S) MOSFET
15-May-00
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
Dual N-Channel 30-V (D-S) MOSFET
13-Jun-05
SI4804BDY VISHAY-SI4804BDY Datasheet
64Kb / 5P
Dual N-Channel 30-V (D-S) MOSFET
29-Dec-03
SI1970DH VISHAY-SI1970DH_08 Datasheet
120Kb / 7P
Dual N-Channel 30-V (D-S) MOSFET
27-Nov-06
SI5902BDC VISHAY-SI5902BDC Datasheet
114Kb / 7P
Dual N-Channel 30-V (D-S) MOSFET
02-Jul-07
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4922BDY-T1-E3 VISHAY-SI4922BDY-T1-E3 Datasheet
254Kb / 10P
Dual N-Channel 30-V (D-S) MOSFET
27-Apr-09
SI9936BDY-T1-GE3 VISHAY-SI9936BDY-T1-GE3 Datasheet
252Kb / 9P
Dual N-Channel 30-V (D-S) MOSFET
27-Apr-09
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
Dual N-Channel 30-V (D-S) MOSFET
22-Dec-08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com